Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4085-3 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC4085-3
Description  USB Power Manager with Ideal Diode Controller and 3.95V Li-Ion Charger
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4085-3 Datasheet(HTML) 2 Page - Linear Technology

  LTC4085-3 Datasheet HTML 1Page - Linear Technology LTC4085-3 Datasheet HTML 2Page - Linear Technology LTC4085-3 Datasheet HTML 3Page - Linear Technology LTC4085-3 Datasheet HTML 4Page - Linear Technology LTC4085-3 Datasheet HTML 5Page - Linear Technology LTC4085-3 Datasheet HTML 6Page - Linear Technology LTC4085-3 Datasheet HTML 7Page - Linear Technology LTC4085-3 Datasheet HTML 8Page - Linear Technology LTC4085-3 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
LTC4085-3
2
40853f
(Notes 1, 2, 3, 4, 5)
Terminal Voltage
IN, OUT
t < 1ms and Duty Cycle < 1%................... –0.3V to 7V
Steady State............................................. –0.3V to 6V
BAT, CHRG, HPWR, SUSP, WALL, ACPR....... –0.3V to 6V
NTC, TIMER, PROG, CLPROG.......–0.3V to (VCC + 0.3V)
Pin Current (Steady State)
IN, OUT, BAT (Note 6)...............................................2.5A
Operating Temperature Range.................. –40°C to 85°C
Maximum Operating Junction Temperature .......... 110°C
Storage Temperature Range................... –65°C to 125°C
The indicates specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 5V, VBAT = 3.7V, HPWR = 5V, WALL = 0V, RPROG = 100k,
RCLPROG = 2k, unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN
Input Supply Voltage
IN and OUT
4.35
5.5
V
VBAT
Input Voltage
BAT
4.3
V
IIN
Input Supply Current
IBAT = 0 (Note 7)
Suspend Mode; SUSP = 5V
Suspend Mode; SUSP = 5V, WALL = 5V,
VOUT = 4.8V
0.5
50
60
1.2
100
110
mA
μA
μA
IOUT
Output Supply Current
VOUT = 5V, VIN = 0V, NTC = VNTC
0.7
1.4
mA
IBAT
Battery Drain Current
VBAT = 4.05V, Charging Stopped
Suspend Mode; SUSP = 5V
VIN = 0V, BAT Powers OUT, No Load
15
22
60
27
35
100
μA
μA
μA
VUVLO
Input or Output Undervoltage Lockout
VIN Powers Part, Rising Threshold
VOUT Powers Part, Rising Threshold
3.6
2.75
3.8
2.95
4
3.15
V
V
ΔVUVLO
Input or Output Undervoltage Lockout
VIN Rising – VIN Falling
or VOUT Rising – VOUT Falling
130
mV
TJMAX = 125°C, θJA = 43°C/W
EXPOSED PAD (PIN 15) IS GND, MUST BE CONNECTED TO PCB
1
2
3
4
5
6
7
14
13
12
11
10
9
8
BAT
GATE
PROG
CHRG
ACPR
VNTC
NTC
IN
OUT
CLPROG
HPWR
SUSP
TIMER
WALL
TOP VIEW
15
DE PACKAGE
14-LEAD (4mm × 3mm) PLASTIC DFN
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC4085EDE-3#PBF
LTC4085EDE-3#TRPBF
40853
14-Lead (4mm
× 3mm) Plastic DFN
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
ORDER INFORMATION
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com