Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4085-3 Datasheet(PDF) 21 Page - Linear Technology

Part # LTC4085-3
Description  USB Power Manager with Ideal Diode Controller and 3.95V Li-Ion Charger
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4085-3 Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC4085-3 Datasheet HTML 16Page - Linear Technology LTC4085-3 Datasheet HTML 17Page - Linear Technology LTC4085-3 Datasheet HTML 18Page - Linear Technology LTC4085-3 Datasheet HTML 19Page - Linear Technology LTC4085-3 Datasheet HTML 20Page - Linear Technology LTC4085-3 Datasheet HTML 21Page - Linear Technology LTC4085-3 Datasheet HTML 22Page - Linear Technology LTC4085-3 Datasheet HTML 23Page - Linear Technology LTC4085-3 Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
LTC4085-3
21
40853f
The final solution is shown in Figure 4, where
RNOM = 124k, R1 = 24.3k and RNTC = 100k at 25°C
Using the WALL Pin to Detect the Presence of a Wall
Adapter
The WALL input pin identifies the presence of a wall
adapter (the pin should be tied directly to the adapter
output voltage). This information is used to disconnect the
input pin, IN, from the OUT pin in order to prevent back
conduction to whatever may be connected to the input.
It also forces the ACPR pin low when the voltage at the
WALL pin exceeds the input threshold. In order for the
presence of a wall adapter to be acknowledged, both of
the following conditions must be satisfied:
1. The WALL pin voltage exceeds VWAR (approximately
4.25V); and
2. The WALL pin voltage exceeds VWDR (approximately
75mV above VBAT)
The input power path (between IN and OUT) is re-enabled
and the ACPR pin assumes a high impedance state when
either of the following conditions is met:
1. The WALL pin voltage falls below VWDF (approximately
25mV above VBAT); or
2. The WALL pin voltage falls below VWAF (approximately
3.12V)
Each of these thresholds is suitably filtered in time to
prevent transient glitches on the WALL pin from falsely
triggering an event.
Power Dissipation
The conditions that cause the LTC4085-3 to reduce charge
current due to the thermal protection feedback can be
approximated by considering the power dissipated in the
part. For high charge currents and a wall adapter applied to
VOUT, the LTC4085-3 power dissipation is approximately:
PD = (VOUT – VBAT) • IBAT
Where, PD is the power dissipated, VOUT is the supply
voltage, VBAT is the battery voltage, and IBAT is the battery
charge current. It is not necessary to perform any worst-
case power dissipation scenarios because the LTC4085-3
will automatically reduce the charge current to maintain
the die temperature at approximately 105°C. However, the
approximate ambient temperature at which the thermal
feedback begins to protect the IC is:
TA = 105°C – PD • θJA
TA = 105°C – (VOUT – VBAT) • IBAT • θJA
Example: Consider an LTC4085-3 operating from a wall
adapter with 5V at VOUTproviding0.8Atoa3VLi-Ionbattery.
The ambient temperature above which the LTC4085-3 will
begin to reduce the 0.8A charge current, is approximately
TA = 105°C – (5V – 3V) • 0.8A • 43°C/W
TA = 105°C – 1.6W • 43°C/W = 105°C – 69°C = 36°C
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com