Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXTC4591AMC Datasheet(PDF) 2 Page - Diodes Incorporated

Part # ZXTC4591AMC
Description  COMPLEMENTARY DUAL 40V HIGH PERFORMANCE TRANSISTOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXTC4591AMC Datasheet(HTML) 2 Page - Diodes Incorporated

  ZXTC4591AMC Datasheet HTML 1Page - Diodes Incorporated ZXTC4591AMC Datasheet HTML 2Page - Diodes Incorporated ZXTC4591AMC Datasheet HTML 3Page - Diodes Incorporated ZXTC4591AMC Datasheet HTML 4Page - Diodes Incorporated ZXTC4591AMC Datasheet HTML 5Page - Diodes Incorporated ZXTC4591AMC Datasheet HTML 6Page - Diodes Incorporated ZXTC4591AMC Datasheet HTML 7Page - Diodes Incorporated ZXTC4591AMC Datasheet HTML 8Page - Diodes Incorporated ZXTC4591AMC Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
ZXTC4591AMC
Document number: DS31925 Rev. 2 - 2
2 of 9
www.diodes.com
January 2010
© Diodes Incorporated
A Product Line of
Diodes Incorporated
ZXTC4591AMC
Maximum Ratings
Parameter
Symbol
NPN
PNP
Unit
Collector-Base Voltage
VCBO
40
-40
V
Collector-Emitter Voltage
VCEO
40
-40
V
Emitter-Base Voltage
VEBO
5
-5
V
Peak Pulse Current
ICM
3
-3
A
Continuous Collector Current(a)(f)
IC
2
-1.5
A
Continuous Collector Current(b)(f)
IC
2.5
-2.0
A
Base Current
IB
300
mA
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Power Dissipation at TA = 25°C (a) (f)
Linear Derating Factor
PD
1.5
12
W
mW/
°C
Power Dissipation at TA = 25°C (b) (f)
Linear Derating Factor
PD
2.45
19.6
W
mW/
°C
Power Dissipation at TA = 25°C (c) (f)
Linear Derating Factor
PD
1
8
W
mW/
°C
Power Dissipation at TA = 25°C (d) (f)
Linear Derating Factor
PD
1.13
9
W
mW/
°C
Power Dissipation at TA = 25°C (d) (g)
Linear Derating Factor
PD
1.7
13.6
W
mW/
°C
Power Dissipation at TA = 25°C (e) (g)
Linear Derating Factor
PD
3
24
W
mW/
°C
Junction to Ambient (a) (f)
RθJA
83.3
°C/W
Junction to Ambient (b) (f)
RθJA
51
°C/W
Junction to Ambient (c) (f)
RθJA
125
°C/W
Junction to Ambient (d) (f)
RθJA
111
°C/W
Junction to Ambient (d) (g)
RθJA
73.5
°C/W
Junction to Ambient (e) (g)
RθJA
41.7
°C/W
Junction Temerature
TJ
150
°C
Storage Temperature Range
TSTG
-55 to +150
°C
Notes:
a. For a dual device surface mounted on 8 sq cm single sided 2 oz copper on FR4 PCB, in still air conditions with all exposed pads attached. The copper
area is split down the centre line into two separate areas with one half connected to each half of the dual device.
b. Measured at t <5 secs for a dual device surface mounted on 8 sq cm single sided 2 oz copper on FR4 PCB, in still air conditions with all exposed pads
attached. The copper area is split down the centre line into two separate areas with one half connected to each half of the dual device.
c. For a dual device surface mounted on 8 sq cm single sided 2 oz copper on FR4 PCB, in still air conditions with minimal lead connections only.
d. For a dual device surface mounted on 10 sq cm single sided 1 oz copper on FR4 PCB, in still air conditions with all exposed pads attached. The
copper area is split down the centre line into two separate areas with one half connected to each half of the dual device.
e. For a dual device surface mounted on 85 sq cm single sided 2 oz copper on FR4 PCB, in still air conditions with all exposed pads attached. The
copper area is split down the centre line into two separate areas with one half connected to each half of the dual device.
f. For a dual device with one active die.
g. For dual device with 2 active die running at equal power.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com