Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXTC4591AMC Datasheet (PDF) - Diodes Incorporated

ZXTC4591AMC Datasheet PDF - Diodes Incorporated
Part # ZXTC4591AMC
Download  ZXTC4591AMC Download
File Size   210.29 Kbytes
Page   9 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description COMPLEMENTARY DUAL 40V HIGH PERFORMANCE TRANSISTOR

ZXTC4591AMC Datasheet (PDF)

Go To PDF Page Download Datasheet
ZXTC4591AMC Datasheet PDF - Diodes Incorporated

Part # ZXTC4591AMC
Download  ZXTC4591AMC Click to download

File Size   210.29 Kbytes
Page   9 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description COMPLEMENTARY DUAL 40V HIGH PERFORMANCE TRANSISTOR

ZXTC4591AMC Datasheet (HTML) - Diodes Incorporated


ZXTC4591AMC Product details

Features
NPN Transistor
   • BVCEO > 40V
   • IC = 3A Continuous Collector Current
   • Low Saturation Voltage (500mV max @ 1A)
   • RSAT = 195mΩ for a low equivalent On-Resistance
PNP Transistor
   • BVCEO > -40V
   • IC = -3A Continuous Collector Current
   • Low Saturation Voltage (-500mV max @ -1A)
   • RSAT = 350mΩ for a low equivalent On-Resistance
• hFE characterized up to 2A for high current gain hold up
• Low profile 0.8mm high package for thin applications
• RθJA efficient, 40% lower than SOT26
• 6mm2 footprint, 50% smaller than TSOP6 and SOT26
• Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)
• Qualified to AEC-Q101 Standards for High Reliability
• PPAP capable (Note 4)

Applications
• DC – DC Converters
• Charging circuits
• Power switches
• LED Backlighting circuits
• Motor control
• Portable applications




Similar Part No. - ZXTC4591AMC

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXTC4591AMC DIODES-ZXTC4591AMC_15 Datasheet
215Kb / 9P
COMPLEMENTARY 40V HIGH PERFORMANCE TRANSISTOR
Rev 4
More results


Similar Description - ZXTC4591AMC

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXTD4591AM832 ZETEX-ZXTD4591AM832 Datasheet
348Kb / 8P
COMPLEMENTARY DUAL 40V HIGH PERFORMANCE TRANSISTOR
ZXTC2045E6 ZETEX-ZXTC2045E6 Datasheet
108Kb / 4P
Dual 40V complementary transistors in SOT23-6
logo
Diodes Incorporated
DMC4028SSD DIODES-DMC4028SSD Datasheet
753Kb / 11P
40V COMPLEMENTARY DUAL ENHANCEMENT MODE MOSFET
D35041 Rev: 1 - 2
logo
Alpha & Omega Semicondu...
AO4618 AOSMD-AO4618 Datasheet
1Mb / 9P
40V Complementary MOSFET
logo
Diodes Incorporated
ZXTD4591AM832 DIODES-ZXTD4591AM832 Datasheet
842Kb / 10P
MPPS??Miniature Package Power Solutions Complementary dual 40V high performance transistor
APRIL 2008
DMC4028SSD DIODES-DMC4028SSD_15 Datasheet
312Kb / 11P
40V COMPLEMENTARY DUAL ENHANCEMENT MODE MOSFET
Rev 2
logo
Central Semiconductor C...
CMLT4413 CENTRAL-CMLT4413_15 Datasheet
512Kb / 3P
DUAL, COMPLEMENTARY TRANSISTOR
logo
Diodes Incorporated
ZXTC4591AMC DIODES-ZXTC4591AMC_15 Datasheet
215Kb / 9P
COMPLEMENTARY 40V HIGH PERFORMANCE TRANSISTOR
Rev 4
logo
Jiangsu Changjiang Elec...
CJ2045 JIANGSU-CJ2045 Datasheet
830Kb / 6P
Dual 40V complementary transistors
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com