Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4401 Datasheet(PDF) 1 Page - Weitron Technology

Part # 4401
Description  NPN SiliconGeneral Purpose Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

4401 Datasheet(HTML) 1 Page - Weitron Technology

  4401 Datasheet HTML 1Page - Weitron Technology 4401 Datasheet HTML 2Page - Weitron Technology 4401 Datasheet HTML 3Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FEATURES
Power dissipation
PCM :
0.625
W
(Tamb=25℃)
Collector current
ICM:
0.6
A
Collector-base voltage
V(BR)CBO : 60
V
Operating and storage junction temperature range
TJ,Tstg: -55℃ to +150℃
ELECTRICAL
CHARACTERISTICS(Tamb=25℃
unless
otherwise
specified)
Parameter
Symbol
Test
conditions
MIN
MAX
UNIT
Collector-base breakdown voltage
V(BR)CBO
Ic=100μA , IE=0
60
V
Collector-emitter breakdown voltage
V(BR)CEO
IC= 1mA ,
IB=0
40
V
Emitter-base breakdown voltage
V(BR)EBO
IE=100μA,
IC=0
6
  V
Collector cut-off current
ICBO
VCB=50 V ,
IE=0
0.1
 μA
Collector cut-off current
ICEO
VCE=35 V ,
IB=0
0.1
 μA
Emitter cut-off current
IEBO
VEB=5V ,
IC=0
0.1
 μA
DC current gain
hFE(1)
VCE=1 V,
IC= 150m A
100
300
Collector-emitter saturation voltage
VCE(sat)
IC=150 mA, IB=15m A
0.4
V
Base-emitter saturation voltage
VBE(sat)
IC= 150 mA, IB=15m A
0.95
V
Transition frequency
f T
VCE= 10V, IC= 20mA
f = 100MHz
250
MHz
2N4401
TO-92
1
2
3
1. EMITTER
2. BASE
3. COLLECTOR
WEITRON
http://www.weitron.com.tw
General Purpose Transistors
NPN Silicon


Similar Part No. - 4401

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
4401 NJSEMI-4401 Datasheet
336Kb / 1P
DO-41 Case
logo
Fairchild Semiconductor
4401 FAIRCHILD-4401 Datasheet
29Kb / 2P
NPN General Purpose Amplifier
logo
ON Semiconductor
4401 ONSEMI-4401 Datasheet
122Kb / 8P
General Purpose Transistors
June, 2004 ??Rev. 1
logo
Central Semiconductor C...
4401 CENTRAL-4401 Datasheet
59Kb / 1P
Small Signal Transistors TO-92 Case (Continued)
logo
Micro Commercial Compon...
4401 MCC-4401 Datasheet
218Kb / 4P
NPN General Purpose Amplifier
More results

Similar Description - 4401

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC109C PHILIPS-BC109C Datasheet
55Kb / 8P
NPN general purpose transistors
1997 Sep 03
2PC4617M PHILIPS-2PC4617M Datasheet
46Kb / 6P
NPN general purpose transistors
2003 Jul 15
logo
Pan Jit International I...
BC847BFN3 PANJIT-BC847BFN3 Datasheet
133Kb / 5P
NPN GENERAL PURPOSE TRANSISTORS
logo
Weitron Technology
2SC2412K WEITRON-2SC2412K_07 Datasheet
1Mb / 5P
NPN General Purpose Transistors
MPSA42 WEITRON-MPSA42 Datasheet
161Kb / 3P
NPN SiliconGeneral Purpose Transistors
logo
NXP Semiconductors
BCV72.215 PHILIPS-BCV72.215 Datasheet
220Kb / 6P
NPN general purpose transistors
1999 Apr 08
logo
Diotec Semiconductor
2N2222A DIOTEC-2N2222A Datasheet
157Kb / 2P
General Purpose NPN Transistors
MPSA06 DIOTEC-MPSA06 Datasheet
166Kb / 2P
General Purpose NPN Transistors
logo
AiT Semiconductor Inc.
2SD1007 AITSEMI-2SD1007 Datasheet
401Kb / 4P
GENERAL PURPOSE TRANSISTORS NPN TRANSISTORS
REV1.1
D882 AITSEMI-D882 Datasheet
554Kb / 5P
GENERAL PURPOSE TRANSISTORS NPN TRANSISTORS
REV1.1
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com