Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXTP2041F Datasheet(PDF) 1 Page - Diodes Incorporated

Part # ZXTP2041F
Description  40V PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXTP2041F Datasheet(HTML) 1 Page - Diodes Incorporated

  ZXTP2041F Datasheet HTML 1Page - Diodes Incorporated ZXTP2041F Datasheet HTML 2Page - Diodes Incorporated ZXTP2041F Datasheet HTML 3Page - Diodes Incorporated ZXTP2041F Datasheet HTML 4Page - Diodes Incorporated ZXTP2041F Datasheet HTML 5Page - Diodes Incorporated ZXTP2041F Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
ZXTP2041F
Datasheet Number: DS33721 Rev. 6 - 2
1 of 6
www.diodes.com
December 2010
© Diodes Incorporated
A Product Line of
Diodes Incorporated
ZXTP2041F
40V PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
Features
•
V(BR)CEO > -40V
•
High current capability IC = -1A
•
Low saturation voltage VCE(sat) < -500mV @ -1A
•
“Lead Free”, RoHS Compliant (Note 1)
Application
•
Power MOSFET gate driving
•
Low loss power switching
Mechanical Data
•
Case: SOT23
•
Moisture Sensitivity: Level 1 per J-STD-020
•
UL Flammability Rating 94V-0
•
Terminals: Matte Tin Finish
•
Weight: 0.008 grams (Approximate)
Ordering Information (Note 2)
Product
Marking
Reel size (inches)
Tape width (mm)
Quantity per reel
ZXTP2041FTA
P41
7
8
3,000
Notes:
1. No purposefully added lead.
2. For packaging details, go to our website at http://www.diodes.com.
Marking Information
Top View
SOT23
Device symbol
Pin-out Top
P41 = Product Type Marking Code
P41


Similar Part No. - ZXTP2041F

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXTP2041F ZETEX-ZXTP2041F Datasheet
88Kb / 4P
SOT23 40 volt PNP silicon planar medium power transistor
ZXTP2041FTA ZETEX-ZXTP2041FTA Datasheet
88Kb / 4P
SOT23 40 volt PNP silicon planar medium power transistor
ZXTP2041FTC ZETEX-ZXTP2041FTC Datasheet
88Kb / 4P
SOT23 40 volt PNP silicon planar medium power transistor
logo
Diodes Incorporated
ZXTP2041F DIODES-ZXTP2041F_15 Datasheet
331Kb / 7P
40V PNP MEDIUM POWER TRANSISTOR IN SOT23
Rev 7
More results

Similar Description - ZXTP2041F

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
BCW68 ZETEX-BCW68 Datasheet
39Kb / 2P
PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
BSR30 ZETEX-BSR30 Datasheet
13Kb / 1P
PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
FZT591 ZETEX-FZT591 Datasheet
41Kb / 1P
PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
ZTX749 ZETEX-ZTX749 Datasheet
59Kb / 3P
PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
GTM CORPORATION
GL195 GTM-GL195 Datasheet
327Kb / 2P
PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
Diodes Incorporated
FCX591A DIODES-FCX591A Datasheet
199Kb / 7P
40V PNP SILICON PLANAR MEDIUM POWER TRANSISTOR IN SOT89
S33062 Rev. 4 - 2
2N6520 DIODES-2N6520 Datasheet
41Kb / 1P
PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
MARCH 1994
FCX591A DIODES-FCX591A_15 Datasheet
293Kb / 7P
40V PNP SILICON PLANAR MEDIUM POWER TRANSISTOR IN SOT89
Rev 6
ZTX749 DIODES-ZTX749_15 Datasheet
70Kb / 3P
PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
APRIL 1994
FCX591AQ DIODES-FCX591AQ Datasheet
409Kb / 7P
40V PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
Rev 2
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com