Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXTP2041F Datasheet(PDF) 3 Page - Diodes Incorporated

Part # ZXTP2041F
Description  40V PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXTP2041F Datasheet(HTML) 3 Page - Diodes Incorporated

  ZXTP2041F Datasheet HTML 1Page - Diodes Incorporated ZXTP2041F Datasheet HTML 2Page - Diodes Incorporated ZXTP2041F Datasheet HTML 3Page - Diodes Incorporated ZXTP2041F Datasheet HTML 4Page - Diodes Incorporated ZXTP2041F Datasheet HTML 5Page - Diodes Incorporated ZXTP2041F Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
ZXTP2041F
Datasheet Number: DS33721 Rev. 6 - 2
3 of 6
www.diodes.com
December 2010
© Diodes Incorporated
A Product Line of
Diodes Incorporated
ZXTP2041F
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ.
Max
Unit
Test Condition
Collector-Base Breakdown Voltage
V(BR)CBO
-40
-
-
V
IC = -100µA
Collector-Emitter Breakdown Voltage (Note 4)
V(BR)CEO
-40
-
-
V
IC = -10mA
Emitter-Base Breakdown Voltage
V(BR)EBO
-5
-
-
V
IE = -100µA
Collector Cutoff Current
ICBO
-
-
-100
nA
VCB = -30V
Emitter Cutoff Current
IEBO
-
-
-100
nA
VEB = -4V
Emitter Cutoff Current
ICES
-
-
-100
nA
VCE = -30V
DC current transfer Static ratio (Note 4)
hFE
300
-
-
-
IC = -1mA, VCE = -5V
300
-
800
IC = -100mA, VCE = -5V
250
-
-
IC = -500mA, VCE = -5V
160
-
-
IC = -1A, VCE = -5V
30
-
-
IC = -2A, VCE = -5V
Collector-Emitter Saturation Voltage (Note 4)
VCE(sat)
-
-
-0.20
V
IC = -100mA, IB = -1mA
-
-
-0.35
IC = -500mA, IB = -20mA
-
-
-0.50
IC = -1A, IB = -100mA
Base-Emitter Saturation Voltage (Note 4)
VBE(sat)
-
-
-1.1
V
IC = -1A, IB = -100mA
Base-Emitter Turn-on Voltage (Note 4)
VBE(on)
-
-
-1.0
V
IC = -1A, VCE = -5V
Transitional Frequency
fT
150
300
-
MHz
IC = -50mA, VCE = -10V,
f = 100MHz
Output capacitance
Cobo
-
-
10
pF
VCB = -10V, f = 1MHz,
Switching Time
Delay Time
t(d)
-
34.9
-
ns
VCC = -10V, IC = -500mA,
IB1 = -IB2 =-25mA
Rise Time
t(r)
-
19.2
-
Storage Time
t(s)
-
249
-
Fall Time
t(f)
-
62
-
Notes:
4. Measured under pulsed conditions. Pulse width = 300
μs. Duty cycle ≤2%.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com