Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXTP5401GTA Datasheet(PDF) 5 Page - Diodes Incorporated

Part # ZXTP5401GTA
Description  150V, SOT223, PNP High voltage transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXTP5401GTA Datasheet(HTML) 5 Page - Diodes Incorporated

  ZXTP5401GTA Datasheet HTML 1Page - Diodes Incorporated ZXTP5401GTA Datasheet HTML 2Page - Diodes Incorporated ZXTP5401GTA Datasheet HTML 3Page - Diodes Incorporated ZXTP5401GTA Datasheet HTML 4Page - Diodes Incorporated ZXTP5401GTA Datasheet HTML 5Page - Diodes Incorporated ZXTP5401GTA Datasheet HTML 6Page - Diodes Incorporated ZXTP5401GTA Datasheet HTML 7Page - Diodes Incorporated ZXTP5401GTA Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
ZXTP5401G
Issue 1 - August 2007
5
www.zetex.com
© Zetex Semiconductors plc 2007
Characteristics
VCE(sat) vIC
IC - Collector Current (Amps)
IC - Collector Current (Amps)
IC - Collector Current (Amps)
hFE vIC
VBE(sat) vIC
IC - Collector Current (Amps)
VBE(on) vIC
20
40
60
80
100
0
-1
-0.2
-0.4
-0.6
-0.8
-0.0001
-0.001
-0.01
-0.1
IC/IB=10
VCE=-10V
-0.0001
-0.001
1
-0.01
-0.1
-0.6
-0.0001
-0.001
-1
-0.01
-0.1
-0.8
-1.0
-1.2
-1.4
-0.6
-1
-0.0001
-0.001
-0.01
-0.1
IC/IB=10
-1.0
-1.2
-1.4
-0.8
0
VCE=-10V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com