Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXTP5401GTA Datasheet(PDF) 7 Page - Diodes Incorporated

Part # ZXTP5401GTA
Description  150V, SOT223, PNP High voltage transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXTP5401GTA Datasheet(HTML) 7 Page - Diodes Incorporated

  ZXTP5401GTA Datasheet HTML 1Page - Diodes Incorporated ZXTP5401GTA Datasheet HTML 2Page - Diodes Incorporated ZXTP5401GTA Datasheet HTML 3Page - Diodes Incorporated ZXTP5401GTA Datasheet HTML 4Page - Diodes Incorporated ZXTP5401GTA Datasheet HTML 5Page - Diodes Incorporated ZXTP5401GTA Datasheet HTML 6Page - Diodes Incorporated ZXTP5401GTA Datasheet HTML 7Page - Diodes Incorporated ZXTP5401GTA Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
ZXTP5401G
Issue 1 - August 2007
7
www.zetex.com
© Zetex Semiconductors plc 2007
Package outline - SOT223
Note: Controlling dimensions are in millimeters. Approximate dimensions are provided in inches
Dim.
Millimeters
Inches
Dim.
Millimeters
Inches
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
A
-
1.80
-
0.071
D
6.30
6.70
0.248
0.264
A1
0.02
0.10
0.0008
0.004
e
2.30 BSC
0.0905 BSC
A2
1.55
1.65
0.0610
0.0649
e1
4.60 BSC
0.181 BSC
b
0.66
0.84
0.026
0.033
E
6.70
7.30
0.264
0.287
b2
2.90
3.10
0.114
0.122
E1
3.30
3.70
0.130
0.146
C
0.23
0.33
0.009
0.013
L
0.90
-
0.355
-



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com