Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXTP19060CZ Datasheet(PDF) 6 Page - Diodes Incorporated

Part # ZXTP19060CZ
Description  60V PNP medium transistor in SOT89
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXTP19060CZ Datasheet(HTML) 6 Page - Diodes Incorporated

  ZXTP19060CZ Datasheet HTML 1Page - Diodes Incorporated ZXTP19060CZ Datasheet HTML 2Page - Diodes Incorporated ZXTP19060CZ Datasheet HTML 3Page - Diodes Incorporated ZXTP19060CZ Datasheet HTML 4Page - Diodes Incorporated ZXTP19060CZ Datasheet HTML 5Page - Diodes Incorporated ZXTP19060CZ Datasheet HTML 6Page - Diodes Incorporated ZXTP19060CZ Datasheet HTML 7Page - Diodes Incorporated ZXTP19060CZ Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Issue 1- February 2008
6
www.zetex.com
© Zetex Semiconductors plc 2008
Typical characteristics
1m
10m
100m
1
10
10m
100m
1
10m
100m
1
10
0.0
0.1
0.2
0.3
1m
10m
100m
1
10
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1m
10m
100m
1
10
0.2
0.4
0.6
0.8
1.0
1.2
1m
10m
100m
1
10
0.2
0.4
0.6
0.8
1.0
10m
100m
1
10
0
50
100
150
200
250
300
350
400
0
100
200
300
400
500
600
I
C
/I
B
=100
V
CE(SA
T)
v
I
C
T am b=25° C
I
C
/I
B
=50
I
C
/I
B
=20
I
C
/I
B
=10
-
I
C
Collector
Current
(A)
100° C
V
BE(SA
T)
v
I
C
I
C
/I
B
=10
150° C
25° C
-55° C
-
I
C
Collector
Current
(A)
150° C
h
FE
v
I
C
V
CE
=2V
-55° C
25° C
100° C
-
I
C
Collector
Current
(A)
150° C
25° C
V
CE(SA
T)
v
I
C
I
C
/I
B
=10
100° C
-55° C
-
I
C
Collector
Current
(A)
150° C
V
BE(ON)
v
I
C
V
CE
=2V
100° C
25° C
-55° C
-
I
C
Collector
Current
(A)
Capacitance
v
Voltage
f
=
1MHz
Cobo
Ci bo
-
Voltage(V)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com