Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXTP19060CZ Datasheet(PDF) 1 Page - Diodes Incorporated

Part # ZXTP19060CZ
Description  60V PNP medium transistor in SOT89
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXTP19060CZ Datasheet(HTML) 1 Page - Diodes Incorporated

  ZXTP19060CZ Datasheet HTML 1Page - Diodes Incorporated ZXTP19060CZ Datasheet HTML 2Page - Diodes Incorporated ZXTP19060CZ Datasheet HTML 3Page - Diodes Incorporated ZXTP19060CZ Datasheet HTML 4Page - Diodes Incorporated ZXTP19060CZ Datasheet HTML 5Page - Diodes Incorporated ZXTP19060CZ Datasheet HTML 6Page - Diodes Incorporated ZXTP19060CZ Datasheet HTML 7Page - Diodes Incorporated ZXTP19060CZ Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Issue 1- February 2008
1
www.zetex.com
© Zetex Semiconductors plc 2008
ZXTP19060CZ
60V PNP medium transistor in SOT89
Summary
BVCEO > -60V
BVECO > -7V
IC(cont) = 4.5A
VCE(sat) < -80mV @ -1A
RCE(sat) = 50m
PD = 2.4W
Complementary part number ZXTN19060CZ
Description
Packaged in the SOT89 outline this new low saturation PNP transistor
offers extremely low on state losses making it ideal for use in DC-DC
circuits and various driving and power management functions.
Features
•
High gain
•
Low saturation voltage
•
High peak current
•
7V reverse blocking voltage
Applications
•
High side driver
•
Motor drive
•
Load disconnect switch
Ordering information
Device marking
1M2
Device
Reel size
(inches)
Tape width
(mm)
Quantity
per reel
ZXTP19060CZTA
7
12
1000
C
E
B
C
E
Pinout - top view
C
B


Similar Part No. - ZXTP19060CZ

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXTP19060CZ ZETEX-ZXTP19060CZ Datasheet
235Kb / 8P
60V PNP medium transistor
ZXTP19060CZTA ZETEX-ZXTP19060CZTA Datasheet
235Kb / 8P
60V PNP medium transistor
More results

Similar Description - ZXTP19060CZ

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXTP2012Z ZETEX-ZXTP2012Z Datasheet
122Kb / 6P
60V PNP LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
ZX5T951Z ZETEX-ZX5T951Z Datasheet
126Kb / 6P
60V PNP LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
logo
Diodes Incorporated
ZXTP2012Z DIODES-ZXTP2012Z Datasheet
131Kb / 6P
60V PNP LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
JUNE 2005
ZXTP19100CZ DIODES-ZXTP19100CZ Datasheet
429Kb / 8P
100V PNP medium power transistor in SOT89
FEBRUARY 2008
ZXTP25040DZ DIODES-ZXTP25040DZ Datasheet
392Kb / 8P
40V PNP medium power transistor in SOT89
DECEMBER 2007
logo
Zhaoxingwei Electronics...
ZX5T854Z ZHAOXINGWEI-ZX5T854Z Datasheet
247Kb / 6P
60V PNP LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
logo
Diodes Incorporated
FCX491 DIODES-FCX491_15 Datasheet
435Kb / 7P
60V NPN MEDIUM POWER TRANSISTOR IN SOT89
Rev 6
FCX591 DIODES-FCX591_15 Datasheet
437Kb / 7P
60V PNP MEDIUM POWER TRANSISTOR IN SOT89
Rev 4
ZXTP2012Z DIODES-ZXTP2012Z_15 Datasheet
243Kb / 7P
60V PNP LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
Rev 3
ZXTP4001Z DIODES-ZXTP4001Z Datasheet
203Kb / 5P
60V PNP LED DRIVING TRANSISTOR IN SOT89
February 2012
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com