Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXTP2012Z Datasheet (PDF) - Diodes Incorporated

ZXTP2012Z Datasheet PDF - Diodes Incorporated
Part # ZXTP2012Z
Download  ZXTP2012Z Download
File Size   131.77 Kbytes
Page   6 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 60V PNP LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89

ZXTP2012Z Datasheet (PDF)

Go To PDF Page Download Datasheet
ZXTP2012Z Datasheet PDF - Diodes Incorporated

Part # ZXTP2012Z
Download  ZXTP2012Z Click to download

File Size   131.77 Kbytes
Page   6 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 60V PNP LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89

ZXTP2012Z Datasheet (HTML) - Diodes Incorporated


ZXTP2012Z Product details

Features
• BVCEO > -60V
• IC = -4.3A High Continuous Current
• RSAT = 32mΩ for a Low Equivalent On-Resistance
• Low Saturation Voltage VCE(SAT) < -65mV @ IC = -1A
• hFE Specified Up to -10A for High Current Gain Hold Up
• Complementary NPN Type: ZXTN2010Z
• Lead-Free Finish; RoHS Compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)
• Qualified to AEC-Q101 Standards for High Reliability
• PPAP Capable (Note 4)

Application
• Emergency Lighting Circuits
• Motor Driving (Including DC Fans)
• Backlight Inverters
• Power Switches
• Gate Driving MOSFETs and IGBTs




Similar Part No. - ZXTP2012Z

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXTP2012Z ZETEX-ZXTP2012Z Datasheet
122Kb / 6P
60V PNP LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
ZXTP2012ZTA ZETEX-ZXTP2012ZTA Datasheet
122Kb / 6P
60V PNP LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
logo
Diodes Incorporated
ZXTP2012Z DIODES-ZXTP2012Z_15 Datasheet
243Kb / 7P
60V PNP LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
Rev 3
More results


Similar Description - ZXTP2012Z

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXTN2010Z ZETEX-ZXTN2010Z Datasheet
126Kb / 6P
60V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
ZXTP2012Z ZETEX-ZXTP2012Z Datasheet
122Kb / 6P
60V PNP LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
ZX5T951Z ZETEX-ZX5T951Z Datasheet
126Kb / 6P
60V PNP LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
ZX5T851Z ZETEX-ZX5T851Z Datasheet
126Kb / 6P
60V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
logo
Diodes Incorporated
ZXTN2010Z DIODES-ZXTN2010Z Datasheet
147Kb / 6P
60V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
MAY 2006
ZXTP2013Z DIODES-ZXTP2013Z Datasheet
100Kb / 6P
100V PNP LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
JUNE 2005
logo
Zhaoxingwei Electronics...
ZX5T852Z ZHAOXINGWEI-ZX5T852Z Datasheet
235Kb / 6P
60V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
ZX5T854Z ZHAOXINGWEI-ZX5T854Z Datasheet
247Kb / 6P
60V PNP LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
logo
Diodes Incorporated
ZXTN2010Z DIODES-ZXTN2010Z_15 Datasheet
202Kb / 7P
60V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
Rev 4
ZXTP2012Z DIODES-ZXTP2012Z_15 Datasheet
243Kb / 7P
60V PNP LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
Rev 3
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com