Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXTP2012Z Datasheet(PDF) 1 Page - Diodes Incorporated

Part # ZXTP2012Z
Description  60V PNP LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXTP2012Z Datasheet(HTML) 1 Page - Diodes Incorporated

  ZXTP2012Z Datasheet HTML 1Page - Diodes Incorporated ZXTP2012Z Datasheet HTML 2Page - Diodes Incorporated ZXTP2012Z Datasheet HTML 3Page - Diodes Incorporated ZXTP2012Z Datasheet HTML 4Page - Diodes Incorporated ZXTP2012Z Datasheet HTML 5Page - Diodes Incorporated ZXTP2012Z Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
SEMICO NDUC TORS
SUMMARY
BVCEO = -60V : RSAT = 32m ; IC = -4.3A
DESCRIPTION
Packaged in the SOT89 outline this new low saturation 60V PNP transistor
offers low on state losses making it ideal for use in DC-DC circuits, line
switching and various driving and power management functions.
FEATURES
Extremely low equivalent on-resistance; R
SAT = 32mV at 5A
4.3 amps continuous current
Up to 15 amps peak current
Very low saturation voltages
Excellent gain characteristics specified up to 10 amps
APPLICATIONS
Emergency lighting circuits
Motor driving (including DC fans)
Solenoid, relay and actuator drivers
DC-DC modules
Backlight inverters
Power switches
MOSFET gate drivers
DEVICE MARKING
951
ZXTP2012Z
ISSUE 1 - JUNE 2005
60V PNP LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
DEVICE
REEL
SIZE
TAPE
WIDTH
QUANTITY PER
REEL
ZXTP2012ZTA
7”
12mm
embossed
1,000 units
ORDERING INFORMATION
PINOUT
TOP VIEW
SOT89


Similar Part No. - ZXTP2012Z

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXTP2012Z ZETEX-ZXTP2012Z Datasheet
122Kb / 6P
60V PNP LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
ZXTP2012ZTA ZETEX-ZXTP2012ZTA Datasheet
122Kb / 6P
60V PNP LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
logo
Diodes Incorporated
ZXTP2012Z DIODES-ZXTP2012Z_15 Datasheet
243Kb / 7P
60V PNP LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
Rev 3
More results

Similar Description - ZXTP2012Z

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXTN2010Z ZETEX-ZXTN2010Z Datasheet
126Kb / 6P
60V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
ZXTP2012Z ZETEX-ZXTP2012Z Datasheet
122Kb / 6P
60V PNP LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
ZX5T951Z ZETEX-ZX5T951Z Datasheet
126Kb / 6P
60V PNP LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
ZX5T851Z ZETEX-ZX5T851Z Datasheet
126Kb / 6P
60V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
logo
Diodes Incorporated
ZXTN2010Z DIODES-ZXTN2010Z Datasheet
147Kb / 6P
60V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
MAY 2006
ZXTP2013Z DIODES-ZXTP2013Z Datasheet
100Kb / 6P
100V PNP LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
JUNE 2005
logo
Zhaoxingwei Electronics...
ZX5T852Z ZHAOXINGWEI-ZX5T852Z Datasheet
235Kb / 6P
60V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
ZX5T854Z ZHAOXINGWEI-ZX5T854Z Datasheet
247Kb / 6P
60V PNP LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
logo
Diodes Incorporated
ZXTN2010Z DIODES-ZXTN2010Z_15 Datasheet
202Kb / 7P
60V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
Rev 4
ZXTP2012Z DIODES-ZXTP2012Z_15 Datasheet
243Kb / 7P
60V PNP LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
Rev 3
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com