Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4083 Datasheet(PDF) 1 Page - Weitron Technology

Part # 2SC4083
Description  NPN Silicon Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

2SC4083 Datasheet(HTML) 1 Page - Weitron Technology

  2SC4083 Datasheet HTML 1Page - Weitron Technology 2SC4083 Datasheet HTML 2Page - Weitron Technology 2SC4083 Datasheet HTML 3Page - Weitron Technology 2SC4083 Datasheet HTML 4Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
NPN Silicon Transistor
Collector-Base Voltage
Symbol
VCBO
Value
20
Unit
Rating
V
Collector-Emitter Voltage
VCEO
11
V
Emitter-Base Voltage
VEBO
3
V
Collector Current -Continuous
IC
50
mA
Collector Power Dissipation
PD
0.2
W
Junction Temperature
TJ
150
°C
Storage Temperature
Tstg
-55 to +150
°C
2SC4083
WEITRON
Maximum Ratings
FEATURES:
* Radio frequency amplier
* High transition frequency
* High gain with low collector-to base time constant
* Low noise (NF)
* Marking: 1D
( TA=25°C unless otherwise noted)
SOT-323(SC-70)
1
1. BASE
2. EMITTER
3. COLLECTOR
2
3
Lead(Pb)-Free
P b
1/4
02-Jun-10
http://www.weitron.com.tw
Unit:mm
SOT-323 Outline Demensions
A
B
D
E
G
M
L
H
J
TOP VIEW
K
C
Dim
A
B
C
D
E
G
H
J
K
L
M
Min
0.30
1.15
2.00
-
0.30
1.20
1.80
0.00
0.80
0.42
0.10
Max
0.40
1.35
2.40
0.65
0.40
1.40
2.20
0.10
1.00
0.53
0.25
SOT-323


Similar Part No. - 2SC4083

ManufacturerPart #DatasheetDescription
logo
Rohm
2SC4083 ROHM-2SC4083 Datasheet
64Kb / 2P
High-Frequency Amplifier Transistor(11V, 50mA, 3.2GHz)
2SC4083 ROHM-2SC4083 Datasheet
74Kb / 3P
High-Frequency Amplifier Transistor (11V, 50mA, 3.2GHz)
2SC4083 ROHM-2SC4083 Datasheet
153Kb / 3P
High-Frequency Amplifier Transistor(11V, 50mA, 3.2GHz)
logo
Foshan Blue Rocket Elec...
2SC4083 FOSHAN-2SC4083 Datasheet
580Kb / 5P
Silicon NPN transistor in a SOT-323 Plastic Package
logo
Rohm
2SC4083 ROHM-2SC4083 Datasheet
98Kb / 3P
High-Frequency Amplifier Transistor(11V, 50mA, 3.2GHz)
More results

Similar Description - 2SC4083

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
2N3414 MICRO-ELECTRONICS-2N3414 Datasheet
48Kb / 1P
NPN SILICON TRANSISTOR
logo
NEC
2SC3731 NEC-2SC3731 Datasheet
193Kb / 3P
NPN SILICON TRANSISTOR
BA1A4M NEC-BA1A4M Datasheet
133Kb / 2P
NPN SILICON TRANSISTOR
AA1L3Z NEC-AA1L3Z Datasheet
119Kb / 2P
NPN SILICON TRANSISTOR
2SD1698 NEC-2SD1698 Datasheet
116Kb / 2P
NPN SILICON TRANSISTOR
2SD1701 NEC-2SD1701 Datasheet
117Kb / 2P
NPN SILICON TRANSISTOR
logo
Seme LAB
2N1616 SEME-LAB-2N1616 Datasheet
22Kb / 2P
NPN SILICON TRANSISTOR
logo
Central Semiconductor C...
MPS3417 CENTRAL-MPS3417 Datasheet
58Kb / 1P
NPN SILICON TRANSISTOR
logo
NEC
NE688M23 NEC-NE688M23 Datasheet
19Kb / 2P
NPN SILICON TRANSISTOR
logo
Fairchild Semiconductor
KSC5603D FAIRCHILD-KSC5603D_10 Datasheet
115Kb / 5P
NPN Silicon Transistor, Planar Silicon Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com