Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4083 Datasheet(PDF) 2 Page - Weitron Technology

Part # 2SC4083
Description  NPN Silicon Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

2SC4083 Datasheet(HTML) 2 Page - Weitron Technology

  2SC4083 Datasheet HTML 1Page - Weitron Technology 2SC4083 Datasheet HTML 2Page - Weitron Technology 2SC4083 Datasheet HTML 3Page - Weitron Technology 2SC4083 Datasheet HTML 4Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
WEITRON
http://www.weitron.com.tw
2SC4083
2/4
02-Jun-10
WEITRON
ELECTRICAL CHARACTERISTICS (Ta=25ºC unless otherwise specified)
Parameter
Collector-base breakdown voltage
V(BR)CBO
IC=10 A, I E=0
Collector-emitter breakdown voltage
V(BR)CEO
IC= 1mA, IB=0
Emitter-base breakdown voltage
V(BR)EBO
IE= 10 A, IC=0
Collector cut-o current
ICBO
VCB =10V, IE=0
Emitter cut-o current
IEBO
VEB =2V, IC 0
=
DC current gain
hFE
VCE =10V, IC= 5mA
Collector-base saturation voltage
VCE(sat)
IC=10mA, IB=5mA
Transition frequency
fT
VCE =10V,IC=10mA, f =500MHz
Output capacitance
VCB =10V,IE=0, f =1MHz
Collector-base time constant
C C· rbb
VCB =10V,I C=10mA, f=31.8MHz
Noise gure
NF
VCE =6V,I C=2mA,f =500MHz,Rg=50
CLASSIFICATION OF hFE
Rank
P
N
Q
Range
56-120
82-180
120-270
Symbol
Unit
Min
Typ
Max
Cob
20
11
3
-
-
56
-
-
-
-
-
-
-
-
-
1.2
-
-
3.5
0.5
0.5
270
0.5
-
1.5
12
-
µA
µA
-
-
-
-
-
-
-
V
V
V
V
GHz
pF
pS
dB



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com