Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES2DA Datasheet(PDF) 2 Page - Weitron Technology

Part # ES2DA
Description  Super Fast Recovery Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

ES2DA Datasheet(HTML) 2 Page - Weitron Technology

  ES2DA Datasheet HTML 1Page - Weitron Technology ES2DA Datasheet HTML 2Page - Weitron Technology ES2DA Datasheet HTML 3Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MAXIMUM RATINGS (TA=25°C unless otherwise noted)
Characteristics
Symbol
Unit
V
V
V
A
A
V
µA
nS
VRRM
VRMS
VDC
IFSM
VF
IR
Trr
50
35
50
100
70
100
150
105
150
300
210
300
400
280
400
200
140
200
5
100
40
http://www.weitron.com.tw
WEITRON
ES2AA
600
420
600
2.0
50.0
1.30
0.98
Maximum Recurrent Peak Reverse Voltage
IF
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
Maximum Instantaneous IF=2A @ 25°C
Peak Forward Surge Current,8.3 ms Single Half
Sine-Wave Superimposed on Rated Load
Maximum DC Reverse Current @Ta = 25°C
At Rated DC BlockingVoltage @Ta = 100°C
Typical Junction Capacitance(NOTE1)
Maximum Reverse Recovery Time(NOTE2)
°C
°C
-55 to +150
PF
35
TSTG
StorageTemperature Range
OperatingTemperature Range
CJ
TJ
ES2AA thru ES2JA
2/3
18-Oct-2010
RθJC
30
°C/W
Typical thermal resistance
1.75
25
-55 to +150
NOTES: 1.Measured at 1.0MHz and applied reverse voltage of 4.0V DC
2.Measured with IF=0.5A, IR=1A, IRR=0.25A
ES2BA
ES2CA
ES2DA ES2FA
ES2GA
ES2JA



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com