Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES2DA Datasheet(PDF) 3 Page - Weitron Technology

Part # ES2DA
Description  Super Fast Recovery Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

ES2DA Datasheet(HTML) 3 Page - Weitron Technology

  ES2DA Datasheet HTML 1Page - Weitron Technology ES2DA Datasheet HTML 2Page - Weitron Technology ES2DA Datasheet HTML 3Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
http://www.weitron.com.tw
WEITRON
ES2AA thru ES2JA
3/3
18-Oct-2010
FIG. 1-TYPICAL FORWARD CURRENT DERATING CURVE
FIG. 2-TYPICAL FORWARD CHARACTERISTICS
FIG. 4-TYPICAL REVERSE CHARACTERISTICS
FIG. 5-TYPICAL JUNCTION CAPACITANCE
FIG. 3-MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
0.0
1.0
2.0
3.0
4.0
5.0
0
25
50
75
100
125
150
175
AMBIENT TEMPERATURE (℃)
0
10
20
30
40
50
00
1
0
1
1
NUMBER OF CYCLES AT 60Hz
0.001
0.010
0.100
1.000
10.000
100.000
20%
40%
60%
80%
100%
PERCENTAGE RATED PEAK REVERSE VOLTAGE (%)
25℃
125℃
0
20
40
60
80
100
120
140
0
1
10
100
REVERSE VOLTAGE (V)
ES2AA~ES2DA
ES2FA~ES2JA
0.01
0.10
1.00
10.00
100.00
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
FORWARD VOLTAGE (V)
ES2AA~ES2DA
ES2FA~ES2GA
ES2JA



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com