Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WSD451F Datasheet(PDF) 2 Page - Weitron Technology

Part # WSD451F
Description  Surface Mount Schottky Barrier Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

WSD451F Datasheet(HTML) 2 Page - Weitron Technology

  WSD451F Datasheet HTML 1Page - Weitron Technology WSD451F Datasheet HTML 2Page - Weitron Technology WSD451F Datasheet HTML 3Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
WEITRON
WEITRON
WSD451F
Maximum
s
g
n
it
a
R
(Ta=25°C Unless otherwise noted)
Characteristic
Reverse Voltage (repetitive peak)
Reverse Voltage (DC)
Average rectified forward current
Operating Junction
Temperature Range
Storage Temperature Range
Symbol
VRM
VR
IO
IFSM
TJ
Tstg
Value
Unit
40
40
100
125
150
Volts
mA
mA
A
°C
°C
Device
g
n
i
k
r
a
M
Item
Marking
Eqivalent r
i
C cuit
m
a
r
g
a
i
d
1
3
WSD451F
B4 , KL5
Electrical
s
c
it
s
i
r
e
t
c
a
r
a
h
C
(TA=25 C Unless otherwise noted)
Characteristic
Symbol
Forward Voltage
IF=100mA
IF=10mA
Capacitance between terminals
(VR=10V, f=1.0MHz)
Reverse currect
VF1
VF2
CT
IR
Min
Typ
Max
Unit
-
-
-
-
-
-
0.55
0.34
6.0
-
-
30
Volts
F
P
µAdc
http://www.weitron.com.tw
Forward Current surge peak (60Hz, 1cyc)
1
(VR=10V)
2/3
15-Aug-07



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com