Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WSD451F Datasheet(PDF) 3 Page - Weitron Technology

Part # WSD451F
Description  Surface Mount Schottky Barrier Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

WSD451F Datasheet(HTML) 3 Page - Weitron Technology

  WSD451F Datasheet HTML 1Page - Weitron Technology WSD451F Datasheet HTML 2Page - Weitron Technology WSD451F Datasheet HTML 3Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
WEITRON
WSD451F
http://www.weitron.com.tw
WEITRON
15-Aug-07
3/3
0
1
100m
10m
1m
100µ
10µ
0.1
0.2
0.3
0.4
0.5
0.6
0.7
pulse measurement
Typ.
FORWARD VOLTAGE : VF
(V)
Fig. 1 Forward characteristics
0
5
10
15
20
25
30
35
10m
1m
100µ
10µ
1µ
0.1µ
Ta=125°C
75°C
25°C
pulse measurement
Typ.
REVERSE VOLTAGE : VR
(V)
Fig. 2 Reverse characteristics
0
5
10
15
20
25
0.1
1
10
100
REVERSE VOLTAGE : VR
(V)
Fig. 3 Capacitance between
terminals characteristics
0
0
20
40
60
80
100
25
50
75
100
125
AMBIENT TEMPERATURE : Ta (°
C)
Fig. 4 Derating curve
(mounting on glass epoxy PCBs)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com