Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5030 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # 2SC5030
Description  Strobe Flash Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC5030 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  2SC5030 Datasheet HTML 1Page - Toshiba Semiconductor 2SC5030 Datasheet HTML 2Page - Toshiba Semiconductor 2SC5030 Datasheet HTML 3Page - Toshiba Semiconductor 2SC5030 Datasheet HTML 4Page - Toshiba Semiconductor 2SC5030 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
2SC5030
2004-07-26
3
VBE (sat) – IC
Collector current IC (A)
Base-emitter voltage VBE (V)
IC – VBE
Collector-emitter voltage VCE (V)
Collector current IC (A)
VCE (sat) – IC
IC – VCE
hFE – IC
Collector current IC (A)
Ambient temperature Ta (°C)
PC – Ta
0
0
0.2
0.8
1.4
25
50
100
125
175
75
150
0.4
1.0
1.6
0.6
1.2
0
0
4
8
1
2
4
5
IB = 0.5 mA
6
2
6
10
Common emitter
Ta = 25°C
40
5
50
3
30
20
10
2
10000
100
0.01
Common emitter
VCE = 2 V
1000
3000
0.3
Ta = 125°C
25
−40
0.03
1
10
30
3
0.1
300
5
0.01
0.03
0.1
0.3
1
3
10
3
1
0.01
0.3
0.1
Common emitter
IC/IB = 200
Ta = 125°C
25
−40
0.03
Common emitter
IC/IB = 200
0.01
0.01
0.3
0.1
10
1
0.1
3
10
Ta = −40°C
25
125
3
1
0.03
0.03
0.3
0
0
4
0.2
1.0
Common emitter
VCE = 2 V
2
6
8
Ta = 125°C
25
−40
0.4
1.2
0.6
0.8



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com