Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5030 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # 2SC5030
Description  Strobe Flash Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC5030 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  2SC5030 Datasheet HTML 1Page - Toshiba Semiconductor 2SC5030 Datasheet HTML 2Page - Toshiba Semiconductor 2SC5030 Datasheet HTML 3Page - Toshiba Semiconductor 2SC5030 Datasheet HTML 4Page - Toshiba Semiconductor 2SC5030 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
2SC5030
2004-07-26
1
TOSHIBA Transistor Silicon NPN Epitaxial Type
2SC5030
Strobe Flash Applications
Medium Power Amplifier Applications
• High DC current gain : hFE (1) = 800 to 3200 (VCE = 2 V, IC = 0.5 A)
: hFE (2) = 250 (min) (VCE = 2 V, IC = 4 A)
• Low saturation voltage: VCE (sat) = 0.5 V (max)
(IC = 4 A, IB = 40 mA)
• High collector power dissipation: PC = 1.3 W
Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Collector-base voltage
VCBO
50
V
VCES
40
Collector-emitter voltage
VCEO
20
V
Emitter-base voltage
VEBO
8
V
DC
IC
5
Collector current
Pulse
(Note)
ICP
8
A
Base current
IB
0.5
A
Collector power dissipation
PC
1.3
W
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
−55 to 150
°C
Note: Conditions: Pulse width = 10 ms (max), duty cycle = 30% (max)
Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Collector cut-off current
ICBO
VCB = 50 V, IE = 0
―
―
100
nA
Emitter cut-off current
IEBO
VEB = 8 V, IC = 0
―
―
100
nA
Collector-emitter breakdown voltage
V (BR) CEO
IC = 10 mA, IB = 0
20
―
―
V
hFE (1)
VCE = 2 V, IC = 0.5 A
800
―
3200
DC current gain
hFE (2)
VCE = 2 V, IC = 4 A
250
―
―
Collector-emitter saturation voltage
VCE (sat)
IC = 4 A, IB = 40 mA
―
―
0.5
V
Base-emitter voltage
VBE
VCE = 2 V, IC = 4 A
―
―
1.2
V
Transition frequency
fT
VCE = 2 V, IC = 0.5 A
―
150
―
MHz
Collector output capacitance
Cob
VCB = 10 V, IE = 0, f = 1 MHz
―
45
―
pF
Unit: mm
JEDEC
―
JEITA
―
TOSHIBA
2-8M1A
Weight: 0.55 g (typ.)


Similar Part No. - 2SC5030

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC5030 TOSHIBA-2SC5030 Datasheet
193Kb / 3P
NPN EPITAXIAL TYPE (STOROBE FLASH, MUDIUM POWER AMPLIFIER APPLICATIONS)
More results

Similar Description - 2SC5030

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
GT5G131 TOSHIBA-GT5G131 Datasheet
289Kb / 6P
Strobe Flash Applications
GT5G103 TOSHIBA-GT5G103_06 Datasheet
412Kb / 5P
STROBE FLASH APPLICATIONS
GT5G131 TOSHIBA-GT5G131_06 Datasheet
186Kb / 6P
Strobe Flash Applications
GT8G103 TOSHIBA-GT8G103_06 Datasheet
408Kb / 5P
STROBE FLASH APPLICATIONS
GT8G121 TOSHIBA-GT8G121_06 Datasheet
413Kb / 5P
STROBE FLASH APPLICATIONS
GT8G131 TOSHIBA-GT8G131_06 Datasheet
185Kb / 6P
Strobe Flash Applications
GT8G132 TOSHIBA-GT8G132_06 Datasheet
187Kb / 6P
Strobe Flash Applications
GT8G133 TOSHIBA-GT8G133 Datasheet
201Kb / 7P
Strobe Flash Applications
GT5G133 TOSHIBA-GT5G133 Datasheet
230Kb / 6P
Strobe Flash Applications
logo
Advanced Power Electron...
AP30G40AEO A-POWER-AP30G40AEO Datasheet
62Kb / 4P
Strobe Flash Applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com