Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5154 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # 2SC5154
Description  Power Amplifier Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC5154 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  2SC5154 Datasheet HTML 1Page - Toshiba Semiconductor 2SC5154 Datasheet HTML 2Page - Toshiba Semiconductor 2SC5154 Datasheet HTML 3Page - Toshiba Semiconductor 2SC5154 Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2SC5154
2004-07-07
1
TOSHIBA Transistor Silicon NPN Epitaxial Type (PCT process)
2SC5154
Power Amplifier Applications
Driver Stage Amplifier Applications
• High transition frequency: fT = 100 MHz (typ.)
Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Collector-base voltage
VCBO
160
V
Collector-emitter voltage
VCEO
160
V
Emitter-base voltage
VEBO
5
V
DC
IC
1.5
Collector current
Pulse
ICP
3.0
A
Base current
IB
0.15
A
Collector power dissipation
PC
1.3
W
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
−50 to 150
°C
Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Collector cut-off current
ICBO
VCB = 160 V, IE = 0
―
―
1.0
µA
Emitter cut-off current
IEBO
VEB = 5 V, IC = 0
―
―
1.0
µA
Collector-emitter breakdown voltage
V (BR) CEO
IC = 10 mA, IB = 0
160
―
―
V
DC current gain
hFE
(Note)
VCE = 5 V, IC = 100 mA
70
―
240
Collector-emitter saturation voltage
VCE (sat)
IC = 500 mA, IB = 50 mA
―
―
1.0
V
Base-emitter voltage
VBE
VCE = 5 V, IC = 500 mA
―
0.75
0.95
V
Transition frequency
fT
VCE = 10 V, IC = 100 mA
―
100
―
MHz
Collector output capacitance
Cob
VCB = 10 V, IC = 0, f = 1 MHz
―
25
―
pF
Note: hFE classification O: 70 to 140, Y: 120 to 240
Marking
Unit: mm
JEDEC
―
JEITA
―
TOSHIBA
2-8M1A
Weight: 0.55 g (typ.)
C5154
Lot No.
A line indicates
lead (Pb)-free package or
lead (Pb)-free finish.
Characteristics
indicator
Part No. (or abbreviation code)


Similar Part No. - 2SC5154

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC5154 TOSHIBA-2SC5154 Datasheet
181Kb / 3P
NPN EPITAXIAL TYPE (POWER, DRIVER STAGE AMPLIFIER APPLICATIONS
More results

Similar Description - 2SC5154

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SC2881 UTC-2SC2881 Datasheet
115Kb / 3P
VOLTAGE AMPLIFIER APPLICATIONS POWER AMPLIFIER APPLICATIONS
2SC3669 UTC-2SC3669 Datasheet
119Kb / 3P
POWER AMPLIFIER APPLICATIONS POWER SWITCHING APPLICATIONS
logo
Toshiba Semiconductor
2SA1201 TOSHIBA-2SA1201_07 Datasheet
146Kb / 4P
Voltage Amplifier Applications Power Amplifier Applications
2SA1202 TOSHIBA-2SA1202_07 Datasheet
130Kb / 4P
Power Amplifier Applications Voltage Amplifier Applications
2SA1734 TOSHIBA-2SA1734_07 Datasheet
167Kb / 5P
Power Amplifier Applications Power Switching Applications
2SA1201 TOSHIBA-2SA1201_09 Datasheet
158Kb / 4P
Voltage Amplifier Applications Power Amplifier Applications
2SA1202 TOSHIBA-2SA1202_09 Datasheet
142Kb / 4P
Power Amplifier Applications Voltage Amplifier Applications
2SC2881 TOSHIBA-2SC2881_04 Datasheet
146Kb / 4P
Voltage Amplifier Applications Power Amplifier Applications
2SC2882 TOSHIBA-2SC2882_04 Datasheet
125Kb / 4P
Power Amplifier Applications Voltage Amplifier Applications
logo
Unisonic Technologies
2SC2881 UTC-2SC2881_15 Datasheet
175Kb / 4P
VOLTAGE AMPLIFIER APPLICATIONS POWER AMPLIFIER APPLICATIONS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com