Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5154 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # 2SC5154
Description  Power Amplifier Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC5154 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  2SC5154 Datasheet HTML 1Page - Toshiba Semiconductor 2SC5154 Datasheet HTML 2Page - Toshiba Semiconductor 2SC5154 Datasheet HTML 3Page - Toshiba Semiconductor 2SC5154 Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2SC5154
2004-07-07
2
Collector-emitter voltage VCE (V)
IC – VCE
Collector current IC (A)
hFE – IC
Collector current IC (A)
VCE (sat) – IC
Collector current IC (mA)
fT – IC
Ambient temperature Ta (°C)
PC – Ta
0
0
0.2
0.6
0.8
1.2
1.4
1.6
25
50
75
100
125
150
175
1.0
0.4
0
0
Common emitter
Ta = 25°C
1.2
0.2
0.4
0.6
0.8
1.0
2
4
6
8
10
14
12
12
6
4
20
8
IB = 2 mA
0
25
Common emitter
IC/IB = 10
0.003
1
0.02
0.05
0.1
0.3
0.5
0.01
0.03
0.1
0.3
1
Ta = 100°C
−25
0.003
500
Common emitter
VCE = 5 V
10
30
50
100
300
0.01
0.03
0.1
0.3
1
Ta = 100°C
25
−25
Common emitter
VCE = 10 V
Ta = 25°C
300
−5
10
30
50
100
−10
−30
−100
−300
−1000



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com