Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5232 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # 2SC5232
Description  General Purpose Amplifier Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC5232 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  2SC5232 Datasheet HTML 1Page - Toshiba Semiconductor 2SC5232 Datasheet HTML 2Page - Toshiba Semiconductor 2SC5232 Datasheet HTML 3Page - Toshiba Semiconductor 2SC5232 Datasheet HTML 4Page - Toshiba Semiconductor 2SC5232 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
2SC5232
2003-03-27
1
TOSHIBA Transistor
Silicon NPN Epitaxial Type (PCT process)
2SC5232
General Purpose Amplifier Applications
Switching and Muting Switch Application
· Low saturation voltage: VCE (sat) (1) = 15 mV (typ.)
@IC = 10 mA/IB = 0.5 mA
· Large collector current: IC = 500 mA (max)
Maximum Ratings (Ta
==== 25°C)
Characteristics
Symbol
Rating
Unit
Collector-base voltage
VCBO
15
V
Collector-emitter voltage
VCEO
12
V
Emitter-base voltage
VEBO
5
V
Collector current
IC
500
mA
Base current
IB
50
mA
Collector power dissipation
PC
150
mW
Junction temperature
Tj
125
°C
Storage temperature range
Tstg
-55~125
°C
Marking
Unit: mm
JEDEC
TO-236MOD
JEITA
SC-59
TOSHIBA
2-3F1A
Weight: 0.012 g (typ.)


Similar Part No. - 2SC5232

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC5232 TOSHIBA-2SC5232 Datasheet
160Kb / 4P
NPN EPITAXIAL TYPE (GENERAL PURPOSE AMPLIFIER, SWITCHING AND MUTING SWITCH APPLICATIONS)
logo
Guangdong Kexin Industr...
2SC5232 KEXIN-2SC5232 Datasheet
41Kb / 2P
Silicon NPN Epitaxial
More results

Similar Description - 2SC5232

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
HN1B26FS TOSHIBA-HN1B26FS Datasheet
164Kb / 6P
General-Purpose Amplifier Applications
HN7G04FU TOSHIBA-HN7G04FU Datasheet
440Kb / 6P
General-Purpose Amplifier Applications
HN7G08FE TOSHIBA-HN7G08FE Datasheet
225Kb / 6P
General-Purpose Amplifier Applications
2SA2154MFV TOSHIBA-2SA2154MFV Datasheet
264Kb / 4P
General-Purpose Amplifier Applications
2SC6026CT TOSHIBA-2SC6026CT Datasheet
151Kb / 3P
General Purpose Amplifier Applications
2SA2154CT TOSHIBA-2SA2154CT Datasheet
147Kb / 3P
General-Purpose Amplifier Applications
2SA1954B TOSHIBA-2SA1954B Datasheet
234Kb / 5P
General Purpose Amplifier Applications
2SC6026MFV-GR TOSHIBA-2SC6026MFV-GR Datasheet
154Kb / 4P
General-Purpose Amplifier Applications
2SC6026MFV-Y TOSHIBA-2SC6026MFV-Y Datasheet
154Kb / 4P
General-Purpose Amplifier Applications
logo
List of Unclassifed Man...
A844 ETC-A844 Datasheet
123Kb / 1P
General Purpose Amplifier Applications.
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com