Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX9268GCM/V+ Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX9268GCM/V+
Description  Gigabit Multimedia Serial Link Deserializer with LVDS System Interface
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9268GCM/V+ Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX9268GCM/V+ Datasheet HTML 1Page - Maxim Integrated Products MAX9268GCM/V+ Datasheet HTML 2Page - Maxim Integrated Products MAX9268GCM/V+ Datasheet HTML 3Page - Maxim Integrated Products MAX9268GCM/V+ Datasheet HTML 4Page - Maxim Integrated Products MAX9268GCM/V+ Datasheet HTML 5Page - Maxim Integrated Products MAX9268GCM/V+ Datasheet HTML 6Page - Maxim Integrated Products MAX9268GCM/V+ Datasheet HTML 7Page - Maxim Integrated Products MAX9268GCM/V+ Datasheet HTML 8Page - Maxim Integrated Products MAX9268GCM/V+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 35 page
background image
Gigabit Multimedia Serial Link Deserializer
with LVDS System Interface
2 ______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
PACKAGE THERMAL CHARACTERISTICS (Note 1)
48 TQFP
Junction-to-Ambient Thermal Resistance (BJA).......27.6°C/W
Junction-to-Case Thermal Resistance (BJC).................2°C/W
Note 1: Package thermal resistances were obtained using the method described in JEDEC specification JESD51-7, using a four-
layer board. For detailed information on package thermal considerations, refer to www.maxim-ic.com/thermal-tutorial.
AVDD to AGND ....................................................-0.5V to +3.9V
DVDD, IOVDD to AGND.......................................-0.5V to +3.9V
GND to AGND......................................................-0.5V to +0.5V
IN+, IN- to AGND .................................................-0.5V to +1.9V
TXOUT__, TXCLKOUT_ to AGND ........................-0.5V to +3.9V
All Other Pins to GND ......................... -0.5V to (VIOVDD + 0.5V)
TXOUT__, TXCLKOUT_ Short Circuit to Ground
or Supply ...............................................................Continuous
Continuous Power Dissipation (TA = +70°C)
48-Pin TQFP (derate 36.2mW/°C above +70°C)....2898.6mW
Human Body Model (RD = 1.5kΩ, CS = 100pF)
(IN+, IN-) to AGND..........................................................±8kV
(TXOUT__, TXCLKOUT_) to AGND .................................±8kV
All Other Pins to GND...................................................±3.5kV
IEC 61000-4-2 (RD = 330Ω, CS = 150pF)
Contact Discharge
(IN+, IN-) to AGND ..................................................±10kV
(TXOUT__, TXCLKOUT_) to AGND............................±8kV
Air Discharge
(IN+, IN-) to AGND........................................................±12kV
(TXOUT__, TXCLKOUT_) to AGND ...............................±20kV
ISO 10605 (RD = 2kΩ, CS = 330pF)
Contact Discharge
(IN+, IN-) to AGND..........................................................±8kV
(TXOUT__, TXCLKOUT_) to AGND .................................±8kV
Air Discharge
(IN+, IN-) to AGND........................................................±15kV
(TXOUT__, TXCLKOUT_) to AGND ...............................±30kV
Operating Temperature Range........................ -40°C to +105°C
Junction Temperature .....................................................+150°C
Storage Temperature Range............................ -65°C to +150°C
Lead Temperature (soldering, 10s) ................................+300°C
Soldering Temperature (reflow) ......................................+260°C
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
DC ELECTRICAL CHARACTERISTICS
(VAVDD = VDVDD = 3.0V to 3.6V, VIOVDD = 1.7V to 3.6V, RL = 100Ω Q1% (differential), TA = -40NC to +105NC, unless otherwise noted.
Typical values are at VAVDD = VDVDD = VIOVDD = 3.3V, TA = +25NC.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
SINGLE-ENDED INPUTS (BWS, INT, CDS, EQS, MS, PWDN, SSEN, DRS)
High-Level Input Voltage
VIH1
0.65 x
VIOVDD
V
Low-Level Input Voltage
VIL1
0.35 x
VIOVDD
V
Input Current
IIN1
VIN = 0V to VIOVDD
-10
+10
F
A
Input Clamp Voltage
VCL
ICL = -18mA
-1.5
V
SINGLE-ENDED OUTPUTS (WS, SCK, SD/CNTL0, CNTL1, CNTL2/MCLK)
High-Level Output Voltage
VOH1
IOUT = -2mA
DCS = 0
VIOVDD
- 0.3
V
DCS = 1
VIOVDD
- 0.2
Low-Level Output Voltage
VOL1
IOUT = 2mA
DCS = 0
0.3
V
DCS = 1
0.2
Output Short-Circuit Current
IOS
VOUT = VGND,
DCS = 0
VIOVDD = 3.0V to 3.6V
15
25
39
mA
VIOVDD = 1.7V to 1.9V
3
7
13
VOUT = VGND,
DCS = 1
VIOVDD = 3.0V to 3.6V
20
35
63
VIOVDD = 1.7V to 1.9V
5
10
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com