Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX9268GCM/V+ Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX9268GCM/V+
Description  Gigabit Multimedia Serial Link Deserializer with LVDS System Interface
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9268GCM/V+ Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX9268GCM/V+ Datasheet HTML 1Page - Maxim Integrated Products MAX9268GCM/V+ Datasheet HTML 2Page - Maxim Integrated Products MAX9268GCM/V+ Datasheet HTML 3Page - Maxim Integrated Products MAX9268GCM/V+ Datasheet HTML 4Page - Maxim Integrated Products MAX9268GCM/V+ Datasheet HTML 5Page - Maxim Integrated Products MAX9268GCM/V+ Datasheet HTML 6Page - Maxim Integrated Products MAX9268GCM/V+ Datasheet HTML 7Page - Maxim Integrated Products MAX9268GCM/V+ Datasheet HTML 8Page - Maxim Integrated Products MAX9268GCM/V+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 35 page
background image
Gigabit Multimedia Serial Link Deserializer
with LVDS System Interface
_______________________________________________________________________________________ 3
DC ELECTRICAL CHARACTERISTICS (continued)
(VAVDD = VDVDD = 3.0V to 3.6V, VIOVDD = 1.7V to 3.6V, RL = 100Ω Q1% (differential), TA = -40NC to +105NC, unless otherwise noted.
Typical values are at VAVDD = VDVDD = VIOVDD = 3.3V, TA = +25NC.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
I2C AND UART I/O, OPEN-DRAIN OUTPUTS (RX/SDA, TX/SCL, LOCK, ERR, GPIO_)
High-Level Input Voltage
VIH2
0.7 x
VIOVDD
V
Low-Level Input Voltage
VIL2
0.3 x
VIOVDD
V
Input Current
IIN2
VIN = 0V to
VIOVDD (Note 2)
RX/SDA, TX/SCL
-110
+1
F
A
LOCK, ERR, GPIO_
-80
+1
Low-Level Output Voltage
VOL2
IOUT = 3mA
VIOVDD = 1.7V to 1.9V
0.4
V
VIOVDD = 3.0V to 3.6V
0.3
DIFFERENTIAL OUTPUT FOR REVERSE CONTROL CHANNEL (IN+, IN-)
Differential High Output Peak
Voltage, (VIN+) - (VIN-)
VROH
No high-speed data transmission
(Figure 1)
30
60
mV
Differential Low Output Peak
Voltage, (VIN+) - (VIN-)
VROL
No high-speed data transmission
(Figure 1)
-60
-30
mV
DIFFERENTIAL INPUTS (IN+, IN-)
Differential High Input Threshold
(Peak) Voltage, (VIN+) - (VIN-)
VIDH(P)
Figure 2
40
90
mV
Differential Low Input Threshold
(Peak) Voltage, (VIN+) - (VIN-)
VIDL(P)
Figure 2
-90
-40
mV
Input Common-Mode Voltage
((VIN+) + (VIN-))/2
VCMR
1
1.3
1.6
V
Differential Input Resistance
(Internal)
RI
80
100
130
I
THREE-LEVEL LOGIC INPUTS (ADD0, ADD1)
High-Level Input Voltage
VIH
0.7 x
VIOVDD
V
Low-Level Input Voltage
VIL
0.3 x
VIOVDD
V
Mid-Level Input Current
IINM
ADD0 and ADD1 open or connected
to a driver with output in high impedance
(Note 3)
-10
+10
F
A
Input Current
IIN
ADD0 and ADD1 = high or low,
PWDN = high or low
-150
+150
F
A
Input Clamp Voltage
VCL
ICL = -18mA
-1.5
V
LVDS OUTPUTS (TXOUT__, TXCLKOUT_)
Differential Output Voltage
VOD
Figure 3
250
450
mV
Change in VOD Between
Complementary Output States
D
VOD
Figure 3
25
mV
Output Offset Voltage
VOS
Figure 3
1.125
1.375
V
Change in VOS Between
Complementary Output States
D
VOS
Figure 3
25
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com