Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5563 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # 2SC5563
Description  Dynamic Focus Applications
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC5563 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  2SC5563 Datasheet HTML 1Page - Toshiba Semiconductor 2SC5563 Datasheet HTML 2Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2SC5563
2004-07-26
1
TOSHIBA Transistor Silicon NPN Triple Diffused Type
2SC5563
Dynamic Focus Applications
• High voltage: VCEO = 1500 V
• Small collector output capacitance: Cob = 2.0 pF (typ.) (VCB = 100 V)
Maximum Ratings (Tc = 25°C)
Characteristics
Symbol
Rating
Unit
Collector-base voltage
VCBO
1500
V
Collector-emitter voltage
VCEO
1500
V
Emitter-base voltage
VEBO
7
V
DC
IC
20
Collector current
Pulse
ICP
40
mA
Base current
IB
10
mA
Tc = 25°C
10
Collector power
dissipation
Ta = 25°C
PC
2
W
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
−55 to 150
°C
Electrical Characteristics (Tc = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Collector cut-off current
ICBO
VCB = 1500 V, IE = 0
―
―
1
µA
Emitter cut-off current
IEBO
VEB = 7 V, IC = 0
―
―
10
µA
Collector-base breakdown voltage
V (BR) CBO
IC = 0.1 mA, IE = 0
1500
―
―
V
Collector-emitter breakdown voltage
V (BR) CEO
IC = 1 mA, IB = 0
1500
―
―
V
DC current gain
hFE
VCE = 5 V, IC = 1 mA
10
―
60
Collector-emitter saturation voltage
VCE (sat)
IC = 10 mA, IB = 2 mA
―
―
5.0
V
Base-emitter saturation voltage
VBE (sat)
IC = 10 mA, IB = 2 mA
―
―
1.3
V
Collector output capacitance
Cob
VCB = 100 V, f = 1 MHz, IE = 0
―
2.0
―
pF
Marking
Unit: mm
JEDEC
―
JEITA
SC-67
TOSHIBA
2-10R1A
Weight: 1.7 g (typ.)
Lot No.
A line indicates
lead (Pb)-free package or
lead (Pb)-free finish.
C5563
Part No. (or abbreviation code)


Similar Part No. - 2SC5563

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC5563 TOSHIBA-2SC5563 Datasheet
81Kb / 1P
NPN TRIPLE KIFFUSED TYPE (DYNAMIC FOCUS APPLICATIONS)
2SC5563 TOSHIBA-2SC5563 Datasheet
1Mb / 73P
Bipolar Small-Signal Transistors
More results

Similar Description - 2SC5563

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M52723ASP MITSUBISHI-M52723ASP Datasheet
101Kb / 17P
DYNAMIC FOCUS
logo
Toshiba Semiconductor
2SC5460 TOSHIBA-2SC5460 Datasheet
164Kb / 3P
NPN TRIPLE DIFFUSED TYPE (DYNAMIC FOCUS, HIGH VOLTAGE SWITCHING, AMPLIFIER APPLICATIONS)
2SC5466 TOSHIBA-2SC5466 Datasheet
156Kb / 3P
NPN TRIPLE DIFFUSED TYPE (DYNAMIC FOCUS, HIGH VOLTAGE SWITCHING,AMPLIFIER APPLICATIONS)
2SC5563 TOSHIBA-2SC5563 Datasheet
81Kb / 1P
NPN TRIPLE KIFFUSED TYPE (DYNAMIC FOCUS APPLICATIONS)
logo
Fairchild Semiconductor
KSC5042 FAIRCHILD-KSC5042 Datasheet
46Kb / 4P
High Voltage Switchihg Dynamic Focus Application
KSC5042F FAIRCHILD-KSC5042F Datasheet
56Kb / 4P
High Voltage Switchihg Dynamic Focus Application
KSC5042M FAIRCHILD-KSC5042M Datasheet
49Kb / 4P
High Voltage Switchihg Dynamic Focus Application
logo
Renesas Technology Corp
M52723ASP RENESAS-M52723ASP Datasheet
290Kb / 23P
Dynamic Focus
logo
Toshiba Semiconductor
2SC5460 TOSHIBA-2SC5460_04 Datasheet
141Kb / 5P
Dynamic Focus Applications
2SC5466 TOSHIBA-2SC5466_04 Datasheet
129Kb / 4P
Dynamic Focus Applications
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com