Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS6512 Datasheet(PDF) 3 Page - LSI Computer Systems

Part # LS6512
Description  Direct Interface with PIR Sensor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

LS6512 Datasheet(HTML) 3 Page - LSI Computer Systems

  LS6512 Datasheet HTML 1Page - LSI Computer Systems LS6512 Datasheet HTML 2Page - LSI Computer Systems LS6512 Datasheet HTML 3Page - LSI Computer Systems LS6512 Datasheet HTML 4Page - LSI Computer Systems LS6512 Datasheet HTML 5Page - LSI Computer Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
ABSOLUTE MAXIMUM RATINGS:
PARAMETER
SYMBOL
VALUE
UNIT
DC supply voltage
VDD - VSS
+7
V
Any input voltage
VIN
VSS - 0.3 to VDD + 0.3
V
Operating temperature
TA
-40 to +85
°C
Storage temperature
TSTG
-65 to +150
°C
ELECTRICAL CHARACTERISTICS:
(All voltages referenced to VSS, TA = -40˚C to +55˚C, 4.5V ≤ VDD ≤ 6.5V, unless otherwise specified.)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
CONDITIONS
SUPPLY CURRENT:
VDD = 5V
IDD
-
75
100
µA
LED/RELAY, LED/RELAY
VDD = 4.5V - 6.5V
IDD
-
125
160
µA
and REGULATOR
outputs not loaded
REGULATOR:
Voltage
VR
-
5
-
V
-
Current
IR
-
-
15
mA
-
UNDERVOLTAGE:
DETECTION
UDV
2.9
3.5
4.1
V
} LS6511N
RECOVERY
URV
3.05
3.7
4.4
V
} LS6513
MIN. OPERATING VOLTAGE VDM
-
-
3.0
V
} LS6512
} LS6513
DIFFERENTIAL AMPLIFIERS:
Open Loop Gain, Each Stage
G
70
-
-
dB
-
Common Mode Rejection Ratio CMRR
60
-
-
dB
-
Power Supply Rejection Ratio
PSRR
60
-
-
dB
-
Input Sensitivity
VS
100
-
-
µVp-p
TA = 25˚C, with Amplifier
(Minimum Detectable Voltage
Bandpass configuration
to first amplifier when both
as shown in Figure 3
amplifiers are cascaded for
a net gain of 8,000)
Input Dynamic Range
-
0
-
1.75
V
-
Diff. Amp 2 Internal
VIR
-
0.35VDD
-
V
-
Reference
COMPARATOR:
Lower Reference
VTHL
-
VIR - 0.5V
-
V
At VDD = 5.0V
Higher Reference
VTHH
-
VIR + 0.5V
-
V
At VDD = 5.0V
DIGITAL FILTER:
For 50ms Filter Time
RDF
-
2.2
-
MΩ
-
CDF
-
0.01
-
µF
-
ONE SHOT
ROS
-
2.2
-
MΩ
-
(1 Second)
COS
-
0.22
-
µF
-
WINDOW TIMER
RWT
-
2.2
-
MΩ
-
(2.5 Second)
CWT
-
0.68
-
µF
-
Concurrent Pulse
TCP
-
1
-
sec
RCP < 2.2MΩ }
Window
CCP = 0.22uF }
} Pin 5
Dual Pulse
TDP
-
2.5
-
sec
RDP = 2.2MΩ }
Window
CDP = 0.68uF }
DURATION TIMER
TDT
-
4
-
sec
RDT = 2.2MΩ } Pin 6
CDT
= 0.68µF }
OUTPUT DRIVE CURRENT
IO
-20
-
-
mA
VDD = 5V
(VO = 0.5V Max.)
IO
-10
-
-
mA
VDD = VDM
6511N-092509-3



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com