Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS6512 Datasheet(PDF) 5 Page - LSI Computer Systems

Part # LS6512
Description  Direct Interface with PIR Sensor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

LS6512 Datasheet(HTML) 5 Page - LSI Computer Systems

  LS6512 Datasheet HTML 1Page - LSI Computer Systems LS6512 Datasheet HTML 2Page - LSI Computer Systems LS6512 Datasheet HTML 3Page - LSI Computer Systems LS6512 Datasheet HTML 4Page - LSI Computer Systems LS6512 Datasheet HTML 5Page - LSI Computer Systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
6511N-060909-5
R1 = 1kΩ
R6 = 36kΩ
C1 = 100µF
C6 = 10µF
R2 = 1.5MΩ
R7 = 36kΩ
C2 = 0.003µF
C7 = 0.01µF
R3 = 36kΩ
R8 = 36kΩ
C3 = 10µF
C8 = 0.1µF
R4 = 1.5MΩ
R9 = 5.6MΩ
C4 = 0.003µF
C9 = 0.1µF
R5 = 36kΩ
R10 = 2.4MΩ
C5 = 10µF
C10 = 0.1µF
PIRs =
Perkin-Elmer LHi 954, 958, 978; Nicera RE200B, SDA02-54 (Typical)
All Resistors 1/4 W. All Capacitors 10V.
NOTES: 1) A pair of PIR Sensors may be used in applications where a wider optical field of view is needed.
2) External 5V Regulator drives the LS6511N and PIR sensor.
FIGURE 4. DIFFERENTIAL INTERFACE TO PIR SENSOR PAIR
FIGURE 5. BLOCK DIAGRAM
AMP 1
OUT
AMP 1
(
-) IN
AMP 2
(
-) IN
AMP 1
(
+) IN
AMP 2
OUT
5V REG
OUT
C3
R3
C4
R4
1
2
3
12
13 (15)
14 (16)
R8
C9
R1
C1
PIR
SENSOR 1
R2
C2
LS6511N / LS6512
(
LS6513 )
R7
C8
R10
R9
C7
R6
C6
R5
C5
PIR
SENSOR 2
+
-
+ -
+ -
+
-
V DD
5V
C10
+
-
11 (16)
AMP
AMP
COMP
COMP
DIFF AMP 2
OUTPUT
DIFF AMP 2
INPUT (-)
DIFF AMP 1
OUTPUT
DIFF AMP 1
INPUT (-)
DIFF AMP 1
INPUT (+)
SHUNT
REGULATOR
PROGRAMMABLE
RETRIGGERABLE
ONE-SHOT
OUTPUT
DURATION
TIMER
VDD
WINDOW
TIMER
5 V REGULATOR
OUTPUT
LED/RELAY
OUTPUT
DRIVER
M
U
X
WINDOW
COMPARATOR
DIGITAL
FILTER
VDD
VSS
DIGITAL
FILTER
PROGRAMMABLE
RETRIGGERABLE
ONE-SHOT
LED/RELAY
OUTPUT
DRIVER
DIGITAL FILTER RC
MODE
SELECT
DURATION
TIMER RC
(
+V)
(
-V)
UNDERVOLTAGE
DETECTOR
-
+
-
+
+
-
+
-
CONCURRENT PULSE/
DUAL PULSE RC
SEL UDV
ENABLE



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com