Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS6513 Datasheet(PDF) 2 Page - LSI Computer Systems

Part # LS6513
Description  Direct Interface with PIR Sensor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

LS6513 Datasheet(HTML) 2 Page - LSI Computer Systems

  LS6513 Datasheet HTML 1Page - LSI Computer Systems LS6513 Datasheet HTML 2Page - LSI Computer Systems LS6513 Datasheet HTML 3Page - LSI Computer Systems LS6513 Datasheet HTML 4Page - LSI Computer Systems LS6513 Datasheet HTML 5Page - LSI Computer Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
6511N-072009-2
1
2
3
4
6
7
8
9
10
11
12
13
14
DIFF. AMP. 2 INPUT (-)
DIFF. AMP. 2 OUTPUT
CP MODE / DP MODE RC
DIGITAL FILTER RC
VDD (+V)
DIFF. AMP 1 INPUT (-)
DIFF. AMP 1 INPUT (+)
5V REGULATOR OUTPUT
MODE SELECT
DURATION TIMER RC
LED / RELAY OUTPUT
PIN ASSIGNMENT - TOP VIEW
FIGURE 1A
DIFF. AMP. 1 OUTPUT
VSS (- V)
LED / RELAY OUTPUT
5
1
2
3
4
5
6
7
10
11
12
13
14
15
16
DIFF. AMP. 2 INPUT (-)
DIFF. AMP. 2 OUTPUT
CP MODE / DP MODE RC
DIGITAL FILTER RC
VDD (+V)
DIFF. AMP 1 INPUT (-)
DIFF. AMP 1 INPUT (+)
5V REGULATOR OUTPUT
MODE SELECT
DURATION TIMER RC
PIN ASSIGNMENT - TOP VIEW
FIGURE 1B
DIFF. AMP. 1 OUTPUT
V SS (- V)
LED / RELAY OUTPUT
ENABLE
8
9
LED / RELAY OUTPUT
SEL UDV INPUT
The information included herein is believed to be
accurate and reliable. However, LSI Computer Systems,
Inc. assumes no responsibilities for inaccuracies, nor for
any infringements of patent rights of others which may
result from its use.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com