Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS6513 Datasheet(PDF) 4 Page - LSI Computer Systems

Part # LS6513
Description  Direct Interface with PIR Sensor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

LS6513 Datasheet(HTML) 4 Page - LSI Computer Systems

  LS6513 Datasheet HTML 1Page - LSI Computer Systems LS6513 Datasheet HTML 2Page - LSI Computer Systems LS6513 Datasheet HTML 3Page - LSI Computer Systems LS6513 Datasheet HTML 4Page - LSI Computer Systems LS6513 Datasheet HTML 5Page - LSI Computer Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
FIGURE 2. TYPICAL RELAY APPLICATION
R1 = See NOTE 2
R2 = 36kΩ
R3 = 1.5MΩ
R4 = 36kΩ
R5 = 1.5MΩ
R6 = 2.2MΩ (Typical)
R7 = 2.2MΩ (Typical)
R8 = 2.2MΩ (Typical)
R9 = 36kΩ
R10 = 2.2kΩ (Typical)
NOTE 1: The relay coil is normally energized and the LED is off.
When an alarm occurs, the relay coil becomes de-energized and
the LED is turned on.
Using the typical application circuit as shown in Figure 2, the
Outputs on Pins 8 and 9 occur on power-up because of the
large settling time in the amplifier stages. In applications
where this is not desireable, the digital filter oscillator must
be disabled on power-up long enough to enable the PIR
amplifiers to stabilize. Replacing the R6-C6 circuit shown in
Figure 2 with the circuit shown in Figure 3 will disable the
digital filter oscillator until the voltage across the 220µF
capacitor reaches a value high enough for the oscillator to
begin oscillating. Component values that can be changed to
speed up stabilization include C2, C3, C4 and C5. C3 and
C5 become 0.001µF and C2 and C4 become 10µF.
FIGURE 3. INHIBITING OUTPUTS UPON POWER TURN-ON
6511N-061509-4
NOISE CONSIDERATIONS
Layout of any circuit using a high-gain PIR amplifier is critical.
The PIR amplifier components should be located close to the
amplifier pins on the chip in order to minimize noise pickup.The
oscillator and relay drive components should be located away
from the amplifier components.
Other steps that can help reduce noise is adding a ground
shield backplane to the PCB and enhancing the filtering of
VDD; i.e., adding a 0.1uF high frequency capacitor across C1
and increasing C1 to 220 µF.
PIR = Perkin-Elmer LHi 958, 978 (Typical)
Nicera RE200B, SDA02-54 (Typical)
All Resistors 1/4W.
All Capacitors 10V.
NOTE 2: R1 is selected to provide sufficient
current to drive the LS6511N and PIR Sensor.
Any surplus current is available to drive additional
loads applied to the 5V Shunt Regulator output or
is absorbed by the 5V Shunt Regulator. Refer to
specifications for current limits.
NOTE 3: In SP Mode, R7 and C7 are not used and
Pin 5 is tied to Vss.
NOTE 4: Adjust the value of R9 if the selected PIR
Sensor causes the input static voltage at Pin 13 to
be out of the Input Dynamic Range of 0V to 1.75V.
(
See Electrical Characteristics on Page 2)
NOTE 5: Sensitivity can be adjusted to a lower
value by increasing the value of R2 or R4 or by
decreasing the value of R3 or R5.
NOTE 6: Pins shown in parentheses and
connections shown by broken lines are for
LS6513 only.
C1 = 100µF
C2 = 10µF
C3 = 0.003µF
C4 = 10µF
C5 = 0.003µF
D1 = 1N4001
C6 = 0.01µF (Typical)
C7 = 0.22µF (CP Mode; Typical)
C7 = 0.68µF (DPMode; Typical)
C8 = 0.22µF (Typical)
C9 = 0.1µF C10 = 0.1µF
Relay = No typical P/N
AMP 1
OUT
AMP 1
(-) IN
AMP 2
(-) IN
AMP 1
(+) IN
AMP 2
OUT
5V REG
OUT
CP MODE or
DP MODE RC
VSS
LED / REL
OUT
VDD
VDD
C4
R4
C5
R5
1
2
3
4
5
6
7
9 (11)
10 (12)
11 (13)
12 (14)
13 (15)
14 (16)
C2
R2
R9
C9
R1
C1
PIR
SENSOR
R3
C3
LS6511N/LS6512
(
LS6513 )
C6
R6
+
-
+
-
+
-
8 (10)
VDD
C7
R7
VDD
C8
R8
V DD
D1
LED / REL
OUT
MODE
DIG FILTER
RC
DUR
TIM RC
RELAY
COIL
RAW
DC
INPUT
R10
LED
S = 3-Position SPDT
(
On-Off-On )
S
See Note 3
C10
+
-
VDD
ENABLE
(
8)
(
9)
SEL UDV
IN
LS6511N - 4
2.2M
0.01µF
220µF
220k
VDD
R6
C6
+
-



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com