Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS7183N Datasheet(PDF) 4 Page - LSI Computer Systems

Part # LS7183N
Description  QUADRATURE CLOCK CONVERTER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

LS7183N Datasheet(HTML) 4 Page - LSI Computer Systems

  LS7183N Datasheet HTML 1Page - LSI Computer Systems LS7183N Datasheet HTML 2Page - LSI Computer Systems LS7183N Datasheet HTML 3Page - LSI Computer Systems LS7183N Datasheet HTML 4Page - LSI Computer Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
7183N/84N-042709-4
Figure 4. TOW vs RBIAS (R in k )
Figure 5. TOW vs RBIAS (R in M )
ENCODER
A CLOCK
B CLOCK
6
2
8
7
4
5
8
16
CK-UP
CK-DN
40193
3
A
B
RB
4
5
1
+V
Vss
LS7183N
V DD
UPCK
DNCK
FIGURE 6A. TYPICAL APPLICATION FOR LS7183N in x4 MODE
+V
RBIAS
Vss
MODE
VDD
ENCODER
A CLOCK
B CLOCK
6
2
8
7
8
16
V DD
3
A
B
4
5
1
+V
V DD
+V
CK
Vss
15
10
LS7184N
RBIAS
4516
CLK
UP/DN
UP/DN
FIGURE 6B*. TYPICAL APPLICATION FOR LS7184N WITH MODE SELECTION
*See NOTE at bottom right of Page 1
RB
Vss
MODE
SPDT (On - Off - On)
GND
B
A
B
MODE
CLK
U/D
RBIAS
V DD
VSS
A
2
3
5
4
6
7
8
100k
+5V
B1
W1
CLK
U/D
1
2
A1
A1
3
4
8
7
6
5
VDD
CS
B1
W1
FIGURE 7. Rotary Encoder Control of Digital Potentiometer
AD5220
LS7184N
DIGITAL
POTENTIOMETER
GND
10k
10k
10k
10k
0.01uF
0.01uF
Part Number:
RE11CT-V1Y12-EF2CS
1
0
50
100
150
200
250
300
0
5
10
V DD = 3V
V DD = 5V
V DD = 9V
VDD = 12V
0
15
20
0
200
400
600
800
V DD = 3V
V DD = 5V
V DD = 9V
V DD = 12V
10
5
25



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com