Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS7183N Datasheet(PDF) 1 Page - LSI Computer Systems

Part # LS7183N
Description  QUADRATURE CLOCK CONVERTER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

LS7183N Datasheet(HTML) 1 Page - LSI Computer Systems

  LS7183N Datasheet HTML 1Page - LSI Computer Systems LS7183N Datasheet HTML 2Page - LSI Computer Systems LS7183N Datasheet HTML 3Page - LSI Computer Systems LS7183N Datasheet HTML 4Page - LSI Computer Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
QUADRATURE CLOCK CONVERTER
FEATURES:
• x1, x2 and x4 resolution
• Programmable output pulse width (200ns to 140µs)
• Excellent regulation of output pulse width
• TTL and low voltage CMOS compatible I/Os
• +3V to +12V operation (VDD - VSS)
•
LS7183N, LS7184N (DIP);
LS7183N-S, LS7184N-S (SOIC) - See Figure 1
INPUT/OUTPUT DESCRIPTION:
RBIAS (Pin 1)
Input for external component connection. A resistor connected be-
tween this input and VSS adjusts the output clock pulse width (Tow).
VDD (Pin 2)
Supply Voltage positive terminal.
VSS (Pin 3)
Supply Voltage negative terminal
.
A, B (Pin 4, Pin 5)
Quadrature Clock inputs A and B. Directional output pulses are gener-
ated from the A and B clocks according to Fig. 2. A and B inputs have
built-in immunity for noise signals less than 50ns duration (Validation
delay, TVD). The A and B inputs are inhibited during the occurrence of
a directional output clock (UPCK or DNCK), so that spurious clocks
resulting from encoder dither are rejected.
MODE (Pin 6)
MODE is a 3-state input to select resolution x1, x2 or x4. The input
quadrature clock rate is multiplied by factors of 1, 2 and 4 in x1, x2
and x4 mode, respectively, in producing the output UP/DN clocks
(See Fig. 2). x1, x2 and x4 modes selected by the MODE input logic
levels are as follows:
Mode = 0
: x1 selected
Mode = 1
: x2 selected
Mode = Float : x4 selected
LS7183N - DNCK (Pin 7)
In
LS7183N, this is the DOWN Clock Output. This output con-
sists of low-going pulses generated when A input lags the B
input.
LS7184N - UP/DN (Pin 7)
In
LS7184N, this is the count direction indication output.
When A input leads the B input, the UP/DN output goes high
indicating that the count direction is UP. When A input lags
the B input, UP/DN output goes low, indicating that the count
direction is DOWN.
LS7183N - UPCK (Pin 8)
In
LS7183N, this is the UP Clock output. This output consists
of low-going pulses generated when A input leads the B in-
put.
LS7184N - CLK (Pin 8)
In
LS7184N, this is the combined UP Clock and DOWN
Clock output. The count direction at any instant is indicated
by the UP/DN output (Pin 7).
NOTE: For the LS7184N, the timing of CLK and UP/DN re-
quires that the counter interfacing with
LS7184N counts on
the rising edge of the CLK pulses.
Applications:
• Interface incremental encoders to Up / Down Counters
(See Figure 6A and Figure 6B)
• Interface rotary encoders to Digital Potentiometers
(See Figure 7)
DESCRIPTION:
The
LS7183N and LS7184N are CMOS quadrature clock converters.
Quadrature clocks derived from optical or magnetic encoders, when
applied to the A and B inputs of the
LS7183N / LS7184N, are con-
verted to strings of Up Clocks and Down Clocks (
LS7183N) or to a
Clock and an Up/Down direction control (
LS7184N). These outputs
can be interfaced directly with standard Up/Down counters for direc-
tion and position sensing of the encoder.
April 2009
7183N/84N-042709-1
LSI/CSI
LSI Computer Systems, Inc. 1235 Walt Whitman Road, Melville, NY 11747 (631) 271-0400 FAX (631) 271-0405
LS7183N
LS7184N
UL
®
A3800
RBIAS
VDD (+V )
VSS (-V )
A
B
MODE
DNCK
UPCK
PIN ASSIGNMENT - TOP VIEW
CLK
UP/DN
FIGURE 1
1
2
3
4
8
7
6
5
RBIAS
VDD (+V )
VSS (-V )
A
B
MODE
1
2
3
4
8
7
6
5


Similar Part No. - LS7183N

ManufacturerPart #DatasheetDescription
logo
LSI Computer Systems
LS7183 LSI-LS7183 Datasheet
38Kb / 4P
QUADRATURE CLOCK CONVERTER
LS7183 LSI-LS7183_09 Datasheet
428Kb / 4P
QUADRATURE CLOCK CONVERTER
More results

Similar Description - LS7183N

ManufacturerPart #DatasheetDescription
logo
LSI Computer Systems
LS7082 LSI-LS7082 Datasheet
38Kb / 4P
QUADRATURE CLOCK CONVERTER
LS7083 LSI-LS7083 Datasheet
39Kb / 4P
QUADRATURE CLOCK CONVERTER
LS7183 LSI-LS7183 Datasheet
38Kb / 4P
QUADRATURE CLOCK CONVERTER
LS7082N1 LSI-LS7082N1 Datasheet
362Kb / 4P
QUADRATURE CLOCK CONVERTER
LS7083N LSI-LS7083N Datasheet
352Kb / 4P
QUADRATURE CLOCK CONVERTER
LS7083NS-14 LSI-LS7083NS-14 Datasheet
186Kb / 4P
QUADRATURE CLOCK CONVERTER
LS7082N LSI-LS7082N Datasheet
178Kb / 4P
QUADRATURE CLOCK CONVERTER
LS7082N1 LSI-LS7082N1_15 Datasheet
257Kb / 4P
QUADRATURE CLOCK CONVERTER
LS7083 LSI-LS7083_09 Datasheet
400Kb / 4P
QUADRATURE CLOCK CONVERTER
LS7083N LSI-LS7083N_15 Datasheet
466Kb / 4P
QUADRATURE CLOCK CONVERTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com