Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS7211N Datasheet(PDF) 8 Page - LSI Computer Systems

Part # LS7211N
Description  PROGRAMMABLE DIGITAL DELAY TIMER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

LS7211N Datasheet(HTML) 8 Page - LSI Computer Systems

  LS7211N Datasheet HTML 1Page - LSI Computer Systems LS7211N Datasheet HTML 2Page - LSI Computer Systems LS7211N Datasheet HTML 3Page - LSI Computer Systems LS7211N Datasheet HTML 4Page - LSI Computer Systems LS7211N Datasheet HTML 5Page - LSI Computer Systems LS7211N Datasheet HTML 6Page - LSI Computer Systems LS7211N Datasheet HTML 7Page - LSI Computer Systems LS7211N Datasheet HTML 8Page - LSI Computer Systems  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
FIGURE 10. PROGRAMMABLE FREQUENCY DIVIDER
17
10
11
12
13
14
15
16
18
WB0
WB1
WB2
WB3
WB4
WB5
WB6
WB7
1
2
4
A
B
TRIG
7
RESET
8
9
OUT
Vss
ƒo
+V
ƒi
+V
3
LS7212N
ƒi
ƒo
Case 1, Mode = DO;
÷4
ƒo
Case 2, Mode = DD;
÷6
CASE 1. MODE = DO or DR; PRESCALE FACTOR, S = 1
In this setup a frequency division of the input clock, ƒi by a factor of 2 to 257, in increments of 1 can
be obtained according to the equation:
ƒo =
where W (weighting factor) = 0 to 255
ƒi
W + 2
The ƒo pulse width is non-symmetrical (non-50% duty -cycle)
CASE 2. MODE = DD; PRESCALE FACTOR, S = 1
In this setup a frequency division of the input clock, ƒi by a factor of 2 to 512, in increments of 2 can
be obtained according to the equation:
ƒo =
where W (weighting factor) = 0 to 255
ƒi
2 (W + 1)
The ƒo pulse widths are symmetrical with 50% duty -cycle
EXAMPLES OF CASE 1 and CASE 2 FREQUENCY DIVISIONS WITH W = 2
VDD
CLOCK
7211N-052606-8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com