Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS7211N Datasheet(PDF) 1 Page - LSI Computer Systems

Part # LS7211N
Description  PROGRAMMABLE DIGITAL DELAY TIMER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

LS7211N Datasheet(HTML) 1 Page - LSI Computer Systems

  LS7211N Datasheet HTML 1Page - LSI Computer Systems LS7211N Datasheet HTML 2Page - LSI Computer Systems LS7211N Datasheet HTML 3Page - LSI Computer Systems LS7211N Datasheet HTML 4Page - LSI Computer Systems LS7211N Datasheet HTML 5Page - LSI Computer Systems LS7211N Datasheet HTML 6Page - LSI Computer Systems LS7211N Datasheet HTML 7Page - LSI Computer Systems LS7211N Datasheet HTML 8Page - LSI Computer Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
PROGRAMMABLE DIGITAL DELAY TIMER
DESCRIPTION:
The
LS7211N and LS7212N are CMOS integrated circuits for
generating digitally programmable delays. The delay is con-
trolled by 8 binary weighted inputs, WB0 - WB7, in conjunction
with an applied clock or oscillator frequency. The programmed
time delay manifests itself in the Delay Output (OUT) as a func-
tion of the Operating Mode selected by the Mode Select inputs
A and B: One-Shot, Delayed Operate, Delayed Release or Dual
Delay. The time delay is initiated by a transition of the Trigger
Input (TRIG).
I/O DESCRIPTION:
MODE SELECT Inputs A & B (Pins 1 & 2)
The 4 operating modes are selected by Inputs A and B
according to Table 1
TABLE 1. MODE SELECTION
A
B
MODE
0
0
One-Shot (OS)
0
1
Delayed Operate (DO)
1
0
Delayed Release (DR)
1
1
Dual Delay (DD)
Each input has an internal pull-up resistor of about 500kΩ.
One-Shot Mode (OS)
A positive transition at the TRIG input causes OUT to switch
low without delay and starts the delay timer. At the end of the
programmed delay timeout, OUT switches high. If a delay time-
out is in progress when a positive transition occurs at the TRIG
input, the delay timer will be restarted. A negative transition at
the TRIG input has no effect.
Delayed Operate Mode (DO)
A positive transition at the TRIG input starts the delay timer. At
the end of the delay timeout, OUT switches low. A negative
transition at the TRIG input causes OUT to switch high without
delay. OUT is high when TRIG is low.
Delayed Release Mode (DR)
A negative transition at the TRIG input starts the delay tim-
er. At the end of the delay timeout, OUT switches high. A
postive transition at the TRIG input causes OUT to switch
low without delay. OUT is low when TRIG is high.
Dual Delay Mode (DD)
A positive or negative transition at the TRIG input starts
the delay timer. At the end of the delay timeout, OUT
switches to the logic state which is the inverse of the TRIG
input. If a delay timeout is in progress when a transition
occurs at the TRIG input, the delay timer is restarted.
7211N-07209-1
July 2009
LSI/CSI
LSI Computer Systems, Inc. 1235 Walt Whitman Road, Melville, NY 11747 (631) 271-0400 FAX (631) 271-0405
LS7211N-7212N
FEATURES:
• 8-bit programmable delay from microseconds to days
• On chip oscillator (RC or Crystal) or external clock time base
• Selectable prescaler for real time delay generation based
on 50Hz/60Hz time base or 32,768Hz watch crystal
• Four operating modes
• Reset input for delay abort
• Low quiescent and operating current
• Direct relay drive
• +3V to +18V operation (VDD - VSS)
•
LS7211N, LS7212N (DIP); LS7211N-S, LS7212N-S (SOIC)
-
See Figure 1 -
UL
®
A3800
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
VDD (+V)
A
B
TRIG
RC/CLOCK
PSCLS
RESET
VSS (-V)
WB0
WB1
WB2
WB3
WB4
WB5
WB6
WB7
OUT
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
OUT
V DD (+V)
A
B
TRIG
XTLI/CLOCK
XTLO
PSCLS
RESET
V SS (-V)
WB0
WB1
WB2
WB3
WB4
WB5
WB6
WB7
FIGURE 1
PIN ASSIGNMENT - TOP VIEW
RCS/CLKS


Similar Part No. - LS7211N

ManufacturerPart #DatasheetDescription
logo
LSI Computer Systems
LS7211 LSI-LS7211 Datasheet
171Kb / 8P
PROGRAMMABLE DIGITAL DELAY TIMER
LS7211 LSI-LS7211_03 Datasheet
275Kb / 8P
PROGRAMMABLE DIGITAL DELAY TIMER
More results

Similar Description - LS7211N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC5555 PHILIPS-74HC5555 Datasheet
142Kb / 23P
Programmable delay timer with oscillator
September 1993
logo
LSI Computer Systems
LS7210 LSI-LS7210 Datasheet
49Kb / 4P
PROGRAMMABLE DIGITAL DELAY TIMER
LS7211 LSI-LS7211 Datasheet
171Kb / 8P
PROGRAMMABLE DIGITAL DELAY TIMER
LS7213 LSI-LS7213 Datasheet
43Kb / 4P
PROGRAMMABLE DIGITAL DELAY TIMER
LS7215 LSI-LS7215 Datasheet
221Kb / 8P
PROGRAMMABLE DIGITAL DELAY TIMER
LS7213R LSI-LS7213R Datasheet
65Kb / 5P
PROGRAMMABLE DIGITAL DELAY TIMER
logo
NXP Semiconductors
74HC5555D-T NXP-74HC5555D-T Datasheet
100Kb / 23P
Programmable delay timer with oscillator
September 1993
logo
LSI Computer Systems
LS7210 LSI-LS7210_06 Datasheet
66Kb / 4P
PROGRAMMABLE DIGITAL DELAY TIMER
LS7211 LSI-LS7211_03 Datasheet
275Kb / 8P
PROGRAMMABLE DIGITAL DELAY TIMER
logo
Nexperia B.V. All right...
74HC5555 NEXPERIA-74HC5555 Datasheet
314Kb / 28P
Programmable delay timer with oscillator
Rev. 4 - 5 July 2018
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com