Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS7212N Datasheet(PDF) 4 Page - LSI Computer Systems

Part # LS7212N
Description  PROGRAMMABLE DIGITAL DELAY TIMER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

LS7212N Datasheet(HTML) 4 Page - LSI Computer Systems

  LS7212N Datasheet HTML 1Page - LSI Computer Systems LS7212N Datasheet HTML 2Page - LSI Computer Systems LS7212N Datasheet HTML 3Page - LSI Computer Systems LS7212N Datasheet HTML 4Page - LSI Computer Systems LS7212N Datasheet HTML 5Page - LSI Computer Systems LS7212N Datasheet HTML 6Page - LSI Computer Systems LS7212N Datasheet HTML 7Page - LSI Computer Systems LS7212N Datasheet HTML 8Page - LSI Computer Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
ELECTRICAL CHARACTERISTICS (Voltages referenced to Vss) (Con’t)
Characteristic
SYMBOL VDD
Unit Condition
Min
Max
Min
Max
Min
Max
Switching Characteristics (See Fig. 3)
3.0
-
1.8
-
1.4
-
1.05
MHz
RC Oscillator Frequency
fosc
10.0
-
4.5
-
3.4
-
2.6
MHz -
18.0
-
8.0
-
4.0
-
3.0
MHz
3.0
-
2.6
-
2.0
-
1.52
MHz For prescale
External Clock or
fext
10.0
-
5.3
-
4.0
-
3.0
MHz factor S = 1 or 3,000
Crystal Oscillator
18.0
-
5.9
-
4.5
-
3.5
MHz or 3,600
Frequency
3.0
-
7.2
-
5.5
-
4.2
MHz S = 32,768
fext
10.0
-
16.0
-
12.8
-
9.7
MHz or
18.0
-
15.9
-
13.0
-
9.1
MHz 32,768 x 60
TRIG Set-Up Time
t1
-
39
-
50
-
66
-
ns
-
A, B Set-Up Time
t2
-
0
-
0
-
0
-
ns
-
WB0 - WB7 Set-Up Time
t3
-
0
-
0
-
0
-
ns
-
3.0
-
284
-
375
-
495
ns
Clock to Out Delay
t4
10.0
-
98
-
130
-
172
ns
CL = 50pF
18.0
-
87
-
115
-
152
ns
7211N-072009-4
A 1
2
B
TRIG 18
CLOCK/RC/XTLI 4
XTLO (LS7212N) 5
5
6
PSCLS
1M
1M
OSC
MUX
3-STATE
DECODER
CLOCK
LATCH
EDGE
DETECT
MODE
REG
CONTROL
LOGIC
LATCH/TIMER
PRESCALER
500k
8
BUF
9
10-17 WB7-WB0
FIGURE 2. LS7211N / LS7212N BLOCK DIAGRAM
OUT
500k
500k
500k
500k (8)
3
8
+V
-V (Gnd)
+V
+V
+V
VDD
VSS
RCS/CLKS (LS7211N)
7
RESET
500k



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com