Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS7212N Datasheet(PDF) 5 Page - LSI Computer Systems

Part # LS7212N
Description  PROGRAMMABLE DIGITAL DELAY TIMER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

LS7212N Datasheet(HTML) 5 Page - LSI Computer Systems

  LS7212N Datasheet HTML 1Page - LSI Computer Systems LS7212N Datasheet HTML 2Page - LSI Computer Systems LS7212N Datasheet HTML 3Page - LSI Computer Systems LS7212N Datasheet HTML 4Page - LSI Computer Systems LS7212N Datasheet HTML 5Page - LSI Computer Systems LS7212N Datasheet HTML 6Page - LSI Computer Systems LS7212N Datasheet HTML 7Page - LSI Computer Systems LS7212N Datasheet HTML 8Page - LSI Computer Systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
A
B
D
C
E
F
G
H
OUT(DD)
OUT(DR)
OUT(DO)
OUT(OS)
RESET
TRIG
Note 1. TRIG input is clocked in by the negative edge of external clock.
Note 2. Inputs A, B and WB0 - WB7 are sampled only at a TRIG input transition and ignored at all other times.
Note 3. OUT is switched by the positive edge of the external clock.
FIGURE 3. INPUT/OUTPUT TIMING
A. Turn-on delay in DO and DD modes; Pulse-width in OS mode.
B. Turn-off delay in DR and DD modes.
C. Pulse-width extended by re-trigger in OS mode.
No effect in DO and DD modes because TRIG switches back low before turn-on delay has timed out.
D. Turn-off delay in DR mode.
E. Turn-on delay in DO and DD modes; pulse-width in OS mode.
F. No effect in DO, DR and DD modes because of TRIG’s switching back to opposite levels.
G. Time-outs aborted and OUT forces high by RESET.
H. After the removal of RESET, OUT switches to the inverse polarity of TRIG
immediately (DR) or after the timeout (DO, DD). No effect in OS.
FIGURE 4. MODE ILLUSTRATION WITH TRIG, OUT AND RESET
7211N-061906-5
t1
t2
t3
A = 0, B = 1, Delayed Operate
Programmed Delay
Immediate Release
t1
t4
Clock
TRIG
A, B
WB0-WB7
OUT
t0



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com