Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS7766 Datasheet(PDF) 9 Page - LSI Computer Systems

Part # LS7766
Description  32-BIT SINGLE- AXIS/DUAL-AXIS QUADRATURE COUNTER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

LS7766 Datasheet(HTML) 9 Page - LSI Computer Systems

Back Button LS7766 Datasheet HTML 5Page - LSI Computer Systems LS7766 Datasheet HTML 6Page - LSI Computer Systems LS7766 Datasheet HTML 7Page - LSI Computer Systems LS7766 Datasheet HTML 8Page - LSI Computer Systems LS7766 Datasheet HTML 9Page - LSI Computer Systems LS7766 Datasheet HTML 10Page - LSI Computer Systems LS7766 Datasheet HTML 11Page - LSI Computer Systems LS7766 Datasheet HTML 12Page - LSI Computer Systems LS7766 Datasheet HTML 13Page - LSI Computer Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
For VDD = 3.3V ±10%
Parameter
Symbol
Min. Value
Max.Value
Unit
Remarks
Quadrature Mode (See Fig. 4 - 6)
PCKI High Pulse Width
t1
24
-
ns
-
PCKI Low Pulse Width
t2
24
-
ns
-
PCKI Frequency
fpCK
-
20
MHz
-
Filter Clock (ff) Period
t3
50
-
ns
t3 = t1+ t2, MDR0 <7> = 0
t3
100
-
ns
t3 = t1+ t2, MDR0 <7> = 1
Filter Clock frequency
ff
-
20
MHz
ff = 1/t3
Quadrature Separation
t4
52
-
ns
t4 > t3
Quadrature Clock Pulse Width
t5
105
-
ns
t5 > 2t3
Quadrature Clock frequency
fQA, fQB
-
4.5
MHz
fQA = fQB < 1/4t3
Quadrature Clock to Count Delay
tQ1
4t3
5t3
-
-
x1, x2, x4 Count Clock Pulse Width
tQ2
25
-
ns
tQ2 = t3/2
Quadrature Clock to
FLGa delay
tfda
4.5t3
5.5t3
ns
-
Quadrature Clock to
FLGb delay
tfdb
3t3
4t3
ns
-
INDX/ Input Pulse Width
tid
60
-
ns
tid > t4
INDX/ set-up time
tis
10
-
ns
-
INDX/ hold time
tih
10
-
ns
-
FLGa Output Width
tfw
50
-
ns
tfw ≈ t4
Non-Quadrature Mode (See Fig. 7 - 8)
Clock A - High Pulse Width
t6
24
-
ns
-
Clock A - Low Pulse Width
t7
24
-
ns
-
Direction Input B Set-up Time
t8s
24
-
ns
-
Direction Input B Hold Time
t8
20
-
ns
-
Clock Frequency
fA
-
20
MHz
fA = (1/(t6 + t7))
Clock to FLGa Out Delay
t9
-
40
ns
-
FLGa Out Pulse Width
t10
24
-
ns
t10 = t7
INDX/ Pulse Width
t11
30
-
ns
-
7766-110806-9
For VDD = 5V ±10%
Parameter
Symbol
Min. Value
Max.Value
Unit
Remarks
Quadrature Mode (See Fig. 4 - 6)
PCK High Pulse Width
t1
12
-
ns
-
PCK Low Pulse Width
t2
12
-
ns
-
PCK frequency
fpCK
-
40
MHz
-
Filter Clock (ff) period
t3
25
-
ns
t3 = t1+ t2, MDR0 <7> = 0
t3
50
-
ns
t3 = t1+ t2, MDR0 <7> = 1
Filter Clock frequency
ff
-
40
MHz
-
Quadrature Separation
t4
26
-
ns
t4 > t3
Quadrature Clock Pulse Width
t5
52
-
ns
t5 > 2t3
Quadrature Clock frequency
fQA, fQB
-
9.6
MHz
fQA = fQB < 1/4t3
Quadrature Clock to Count Delay
tQ1
4t3
5t3
-
-
x1, x2, x4 Count Clock Pulse Width
tQ2
12
-
ns
tQ2 = t3/2
Quadrature Clock to
FLGa delay
tfda
4.5t3
5.5t3
ns
-
Quadrature Clock to
FLGb delay
tfdb
3t3
4t3
ns
-
INDX/ Input Pulse Width
tid
32
-
ns
tid > t4
INDX/ set-up time
tis
5
-
ns
-
INDX/ hold time
tih
5
-
ns
-
FLGa Output Width
tfw
24
-
ns
tfw ≈ t4
Non-Quadrature Mode (See Fig. 7 - 8)
Clock A - High Pulse Width
t6
12
-
ns
-
Clock A - Low Pulse Width
t7
12
-
ns
-
Direction Input B Set-up Time
t8
12
-
ns
-
Direction Input B Hold Time
t8
10
-
ns
-
Clock frequency
fA
-
40
MHz
fA = (1/(t6 + t7))
Clock to FLGa Out Delay
t9
-
20
ns
-
FLGa Out Pulse Width
t10
12
-
ns
t10 = t7
INDX/ Pulse Width
t11
15
-
ns
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com