Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS7766 Datasheet(PDF) 14 Page - LSI Computer Systems

Part # LS7766
Description  32-BIT SINGLE- AXIS/DUAL-AXIS QUADRATURE COUNTER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

LS7766 Datasheet(HTML) 14 Page - LSI Computer Systems

Back Button LS7766 Datasheet HTML 6Page - LSI Computer Systems LS7766 Datasheet HTML 7Page - LSI Computer Systems LS7766 Datasheet HTML 8Page - LSI Computer Systems LS7766 Datasheet HTML 9Page - LSI Computer Systems LS7766 Datasheet HTML 10Page - LSI Computer Systems LS7766 Datasheet HTML 11Page - LSI Computer Systems LS7766 Datasheet HTML 12Page - LSI Computer Systems LS7766 Datasheet HTML 13Page - LSI Computer Systems LS7766 Datasheet HTML 14Page - LSI Computer Systems  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
7766-111406-14
A<4>
A<3>
A<2>
A<1>
WR/
RD/
RS2
RS1
RS0
x0/_x1
CS/
ADDRESS
DECODE
PC
ISA / EISA BUS
IOW/
IOR/
D<15:0 >
A< 4:1 >
A< 7:5>
LS7766
AEN
FIGURE 12. LS7766 TO ISA / EISA INTERFACE with HEX BUS
DB<15:0>
IO16/
D<7>
D<6>
D<5>
D<4>
D<3>
D<2>
D<1>
D<0>
A2
A1
A0
A3
WR/
RD/
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
RS2
RS1
RS0
x0/_x1
CS/
ADDRESS
DECODE
MC68HC000
D<7:0>
A3 - A 0
A<23:20>
LS7766
FIGURE 13. LS7766 TO MC68HC000 INTERFACE with OCTAL BUS
A<23:A0>
D<7:0>
R/W
LDS
DTACK/
15pF
15pF
40MHz
1MΩ
PCKI
PCKO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com