Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC173A Datasheet(PDF) 21 Page - Semtech Corporation

Part # SC173A
Description  3A EcoSpeedTM Synchronous Step-Down Regulator with Automatic Power Save
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC173A Datasheet(HTML) 21 Page - Semtech Corporation

Back Button SC173A Datasheet HTML 17Page - Semtech Corporation SC173A Datasheet HTML 18Page - Semtech Corporation SC173A Datasheet HTML 19Page - Semtech Corporation SC173A Datasheet HTML 20Page - Semtech Corporation SC173A Datasheet HTML 21Page - Semtech Corporation SC173A Datasheet HTML 22Page - Semtech Corporation SC173A Datasheet HTML 23Page - Semtech Corporation SC173A Datasheet HTML 24Page - Semtech Corporation SC173A Datasheet HTML 25Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
© 2010 Semtech Corporation
PGND
VO+
VO
AGND
AGND
C11
L1
C3
C4
C5
C6
R1
R2
U1
C2
VO+
AGND
VO
1
2
3
4
5
6
7
8
9
10
PGND
LX
VIN+
Inner Layer 1
Top Layer
VIN+
EN/PSV
C10
C1
VIN
VIN
21
SC173A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com