Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC662 Datasheet(PDF) 14 Page - Semtech Corporation

Part # SC662
Description  Backlight Driver for 6 LEDs with SemPulse짰 Interface
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC662 Datasheet(HTML) 14 Page - Semtech Corporation

Back Button SC662 Datasheet HTML 10Page - Semtech Corporation SC662 Datasheet HTML 11Page - Semtech Corporation SC662 Datasheet HTML 12Page - Semtech Corporation SC662 Datasheet HTML 13Page - Semtech Corporation SC662 Datasheet HTML 14Page - Semtech Corporation SC662 Datasheet HTML 15Page - Semtech Corporation SC662 Datasheet HTML 16Page - Semtech Corporation SC662 Datasheet HTML 17Page - Semtech Corporation SC662 Datasheet HTML 18Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 30 page
background image
SC662
14
Figure 7. The overall fade range is a piece-wise linear, log-
rithmic type of function which provides for a very smooth
visual fading effect.
The fade rate may be changed dynamically when a fade
operation is active by writing new values to the fade reg-
ister. When a new backlight level is written during an
ongoing fade operation, the fade will be redirected to the
new value from the present state. An ongoing fade opera-
tion may be cancelled by disabling fade, which will result
in the backlight current changing immediately to the final
value. If fade is disabled, the current level will change
immediately without the fade delay.
The terms BLEN and FADE are used for bits which are
defined in a later section of the datasheet. The reader may
choose to skip ahead to the Register Map and Register
and Bit Definitions sections for a better understanding of
these terms before continuing with this section’s explana-
tion of the fade function and fade state diagram.
Fade State Diagram
If the main BLEN bits are disabled during an ongoing fade,
the main bank will turn off immediately. When the main
BLEN bits are re-enabled and FADE = 1, the main backlight
currents will begin at 0mA and fade to the target value. If
the main BLEN bits are re-enabled and FADE = 0, the main
backlights will proceed immediately to the target value.
The state diagram in Figure 1 describes the fade operation.
More details can be found in the Register Map section.
Write either
MFADE
bit = 0
Write new
bright level
No change
Write new
bright
level
Write new
brightness level
Fade is
redirected toward
the new value
from current
state
Fade
begins
Fade
ends
Immediate
change to
new bright
level
New rate
is used for all
remaining steps
No change
Immediate
change to new
bright level
Fade
continues
unchanged
Write all main bank
enable bits = 0
Bank
turns off
immediately
Fade begins
at 0mA
Fade
processing
Main bank
disabled
Write either or
both MFADE
bit(s) = 1
Write
MFADE1
and
MFADE0
= 0
Write a different
non-zero value
to MFADE bits
Fade is enabled:
MFADE1
and/or
MFADE0
= 1
Write
either
MFADE
bit = 1
Fade is disabled:
MFADE1
and
MFADE0
= 0
Write
either
MFADE
bit = 0
Re-write
the same
value to
MFADE
bits
Write any
main bank
enable bit(s) = 1
Figure 1 — Fade Function State Diagram
Shutdown Mode
The device is disabled when the SPIF pin is held low for
the shutdown time specified in the electrical characteris-
tics section. All registers are reset to default condition at
shutdown.
Applications Information (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com