Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC662 Datasheet(PDF) 19 Page - Semtech Corporation

Part # SC662
Description  Backlight Driver for 6 LEDs with SemPulse짰 Interface
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC662 Datasheet(HTML) 19 Page - Semtech Corporation

Back Button SC662 Datasheet HTML 15Page - Semtech Corporation SC662 Datasheet HTML 16Page - Semtech Corporation SC662 Datasheet HTML 17Page - Semtech Corporation SC662 Datasheet HTML 18Page - Semtech Corporation SC662 Datasheet HTML 19Page - Semtech Corporation SC662 Datasheet HTML 20Page - Semtech Corporation SC662 Datasheet HTML 21Page - Semtech Corporation SC662 Datasheet HTML 22Page - Semtech Corporation SC662 Datasheet HTML 23Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 30 page
background image
SC662
19
PCB Layout Considerations
Following fundamental layout rules is critical for achieving
the performance specified in the Electrical Characteristics
table. A recommended layout is illustrated in Figures 8, 9,
and 10. Figure 8 shows a composite view of the two
copper layers plus components, vias, and text descriptors.
Figure 9 shows the copper layer on the component side of
the board, and Figure 10 is the copper layer for ground
and routing.
The following guidelines are recommended when devel-
oping a PCB layout:
Place all capacitors (C1, C2, CIN, and COUT) as
close to the device as possible, and on the same
side of the board as the SC662.
CIN, COUT should have their grounds connected
at one point as shown in Figure 8, with multiple
vias to ground.
C1 and C2 should be placed so that they do not
require vias to connect to the SC662.
All charge pump current passes through pins IN,
OUT, C1-, C1+, C2+, and C2-. Ensure that all con-
nections to these pins use wide traces. Layout
should minimize the resistance and inductance
of these traces.
Make all ground connections to a ground plane
as shown in the example layout. There should
be a short unobstructed path between all
ground vias on the ground plane.
The power trace connecting the battery to the
IN pin should be sized for 300mA of battery
current. The power trace should be on a layer
adjacent to the ground return. If possible, make
the power trace equal in width to the ground
return trace.
The output trace connecting the OUT pin to the
anode terminals of the LEDs should be sized for
150mA of DC current.
Up to six LED traces connect between the LED
cathodes and the BLn pins. Each LED trace width
should be sized for 25mA of DC current. The LED
traces route in parallel on one layer and serve as
•
•
•
•
•
•
•
•
the return current path from the LEDs to the BLn
pins.
Figure 8 is representative of a two layer design.
As shown in this figure, the OUT trace can be
placed next to the six LED traces on the same
layer. However, if more than two layers are avail-
able, the preferred method is to have the OUT
trace route underneath the LED traces on a dif-
ferent layer.
Double vias are preferred for grounding pin 3 of
the SC662, and also for grounding the ground
leads of CIN and COUT.
The SPIF trace should be routed away from
sources of noise to preserve the signal integrity
for the SemPulse interface.
Multiple vias are recommended for the thermal
pad at the center of the device.
C2
C1
SC662
Ground Layer
Vias to
ground
plane
CIN
1
2
3
4
5
6
7
8
9
10
11
12
13
14
BL6
SPIF
GND
C1-
C2-
C2+
C1+
IN
BL1
BL2
BL3
BL4
BL5
OUT
COUT
OUT to LED Anodes
Positive from battery
Ground return to battery
To LED1
To LED2
To LED3
To LED4
To LED5
To LED6
To SPIF output
Figure 8 — Recommended PCB Layout
•
•
•
•
Applications Information (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com