Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMS Datasheet(PDF) 1 Page - Tyco Electronics

Part # HMS
Description  HALF SIZE HIGH PERFORMANCE RELAYS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

HMS Datasheet(HTML) 1 Page - Tyco Electronics

  HMS Datasheet HTML 1Page - Tyco Electronics HMS Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CONTACT RATINGS
CONTACT
TYPE
OPERATIONS
LOAD
MIN.
HFW,HMB,HMS
2 A @ 28 Vdc
Resistive
100,000
HFW4A
4 A @ 28 Vdc
Resistive
100,000
HFW5A
5 A @ 28 Vdc
Resistive
100,000
0.75 A @ 28 Vdc
Inductive (200mH)
100,000
0.1 A @ 115 Vac, 60 Hz & 400 Hz Resistive
100,000
0.3 A @ 115 Vac, 60 Hz & 400 Hz Resistive
100,000
0.1 A @ 28 Vdc
Intermediate
50,000
0.160 A @ 28 Vdc
Lamp
100,000
30 µA @ 50 mVdc
Low Level
1,000,000
RF PERFORMANCE
FREQUENCY (MHz)
RF LOSSES (dB)
VSWR
ISOLATION (dB)
100
0.1
1.17:1
40
500
0.3
1.19:1
28
1000
0.4
1.19:1
23
HMS
SENSITIVE HALF SIZE
HIGH-PERFORMANCE RELAY
QUALIFIED TO MIL–R–39016/44
FEATURES
■ Hermetically sealed
■ Up to 2 amps switching
■ High shock & vibration ratings
■ Optional terminals
& mounting styles
■ Excellent RF switching
HMB
BIFILAR HALF SIZE
HIGH-PERFORMANCE RELAY
QUALIFIED TO MIL–R–39016/22
FEATURES
■ Hermetically sealed
■ Up to 2 amps switching
■ High shock & vibration ratings
■ Optional terminals
& mounting styles
■ Excellent RF switching
HFW■HFW4A■HFW5A
STANDARD HALF SIZE
HIGH-PERFORMANCE RELAY
QUALIFIED TO MIL–R–39016/6
FEATURES
■ Hermetically sealed
■ Up to 5 amps switching
■ High shock & vibration ratings
■ Optional terminals
& mounting styles
■ Excellent RF switching
HFW ■ HFW4A ■ HFW5A ■ HMB■ HMS
BLUE BEAD
B1
A2
X1
A3
A1
B2
X2
B3
(+)
BLUE BEAD
A1
B2
X1
B1
A2
A3
(+)
B3
X2
BLUE BEAD
B1
A2
X1
A3
A1
B2
X2
B3
(+)
ELECTRICAL CHARACTERISTICS
CONTACT ARRANGEMENT
2 Form C (DPDT)
CONTACT MATERIAL
Stationary:
Hardened silver alloy
Moveable:
Gold plated hardened silver alloy
CONTACT RESISTANCE
Before Life: 50 milliohms max.
(measured at 10 mA @ 6 Vdc)
After Life: 100 milliohms max.
(measured @ 2 A @ 28 Vdc)
MECHANICAL LIFE EXPECTANCY
50 million operations
COIL VOLTAGE
5 to 48 Vdc
COIL POWER
1.4 watts max. @ 25°C
DUTY CYCLE
Continuous
PICK-UP VOLTAGE
Approximately 50% of
nominal coil voltage
PICK-UP SENSITIVITY@25ºC
145 to 260 mW (HFW)
325 mW (HMB)
100 to 125 mW (HMS)
30
Tyco Electronics Corporation www.tycoelectronics.com 800-522-6752 (U.S.A.) or 717-564-0100 Specifications subject to change. CII and TYCO are trademarks. ©2003 by Tyco Electronics Corporation
TERMINAL VIEW
TERMINAL VIEW
TERMINAL VIEW


Similar Part No. - HMS

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
HMS MACOM-HMS Datasheet
101Kb / 3P
HALF SIZE HIGH PERFORMANCE RELAYS
logo
Vishay Siliconix
HMS VISHAY-HMS Datasheet
103Kb / 2P
Metal Film Resistors, Hermetically-Sealed, Precision, Matched Sets
22-Feb-10
logo
M-System Co.,Ltd.
HMS MSYSTEM-HMS Datasheet
100Kb / 3P
Space-saving Plug-in Signal Conditioners H-UNIT
HMS-0-R MSYSTEM-HMS-0-R Datasheet
100Kb / 3P
Space-saving Plug-in Signal Conditioners H-UNIT
HMS-0-R/K MSYSTEM-HMS-0-R/K Datasheet
100Kb / 3P
Space-saving Plug-in Signal Conditioners H-UNIT
More results

Similar Description - HMS

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
LRBW-4C-24B MACOM-LRBW-4C-24B Datasheet
93Kb / 2P
HALF SIZE LATCHING HIGH PERFORMANCE RELAYS
MACDG-26S MACOM-MACDG-26S Datasheet
102Kb / 2P
TO-5 HIGH-PERFORMANCE RELAYS
MFW MACOM-MFW Datasheet
82Kb / 1P
HIGH PERFORMANCE RELAYS
MGA MACOM-MGA Datasheet
96Kb / 2P
GRID HIGH-PERFORMANCE RELAYS
MGS MACOM-MGS Datasheet
96Kb / 2P
GRID HIGH-PERFORMANCE RELAYS
MSD MACOM-MSD Datasheet
95Kb / 2P
HIGH-PERFORMANCE RELAYS
SRBW-4C-24B MACOM-SRBW-4C-24B Datasheet
98Kb / 2P
HALF SIZE HIGH PERFORMANCE RELAYS
HFW1106K12 MACOM-HFW1106K12 Datasheet
101Kb / 3P
HALF SIZE HIGH PERFORMANCE RELAYS
HFW1130K06 MACOM-HFW1130K06 Datasheet
122Kb / 2P
Military/Aerospace High Performance Relays
HFW1201K00 MACOM-HFW1201K00 Datasheet
92Kb / 2P
Military Aerospace High Performance Relays
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com