Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMS Datasheet(PDF) 2 Page - Tyco Electronics

Part # HMS
Description  HALF SIZE HIGH PERFORMANCE RELAYS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

HMS Datasheet(HTML) 2 Page - Tyco Electronics

  HMS Datasheet HTML 1Page - Tyco Electronics HMS Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
31
Tyco Electronics Corporation www.tycoelectronics.com 800-522-6752 (U.S.A.) or 717-564-0100 Specifications subject to change. CII and TYCO are trademarks. ©2003 by Tyco Electronics Corporation
STANDARD COIL DATA
NOM.
COIL
PICKUP
PICKUP
DROP-OUT
DROP-OUT
NOM. COIL
MAX.
COIL
COIL
RESISTANCE
VOLTAGE
VOLTAGE
VOLTAGE
VOLTAGE
POWER
COIL
DESIG.
VOLTAGE
IN OHMS
Vdc (MAX.)
Vdc (MIN.)
Vdc (MIN.)
Vdc (MIN.)
(mW)
VOLTAGE
(Vdc)
±10% @ 25°C
@ 25°C
@ 125°C
@ 25°C
@ -65°C
@ 25°C
HFW/HFW4A/HFW5A
5.0
27
2.7
3.8
0.29
0.21
926
6.0
L
6.0
40
3.2
4.5
0.35
0.25
900
7.5
F
12.0
160
6.4
9.0
0.7
0.5
900
15.0
G
26.5
700
13.5
18.0
1.5
1.0
1003
32.0
K
HMB
6.0
40
3.6
4.8
0.35
0.25
900
7.5
F
12.0
160
7.2
9.6
0.7
0.5
900
15.0
G
26.5
700
15.0
20.0
1.5
1.0
1003
32.0
K
HMS
5.0
47
2.2
3.2
0.21
0.12
532
7.0
S001
6.0
75
2.75
4.0
0.27
0.17
480
9.0
S002
12.0
310
5.6
8.0
0.55
0.35
465
20.0
S003
26.5
1,030
11.4
16.5
1.1
0.7
682
35.0
S004
30.0
1,620
14.3
21.0
1.4
0.9
556
44.0
S005
36.0
2,640
18.0
26.0
1.8
1.1
491
56.0
S006
OTHER
6-8
60
3.5
4.85
0.35
0.22
817
9.0
A
(avail. for
12-15
320
6.8
9.42
0.68
0.44
570
21.0
B
HFW/HFW4A
18.0
520
9.5
13.16
0.95
0.62
623
27.0
J
relays only)
26.5-32
1,250
14.0
19.4
1.5
0.98
684
42.0
D
40.0
2,700
21.3
29.5
2.1
1.37
593
61.0
H
48.0
3,500
25.5
35.3
2.5
1.63
658
70.0
E
OPERATING CHARACTERISTICS
TIMING
Operate Time: 4.0 ms max. (HFW)
5.0 ms max. (HMB)
6.0 ms max. (HMS)
Release Time: 4.0 ms max. (HFW)
5.0 ms max. (HMB/HMS)
CONTACT BOUNCE
2.0 ms max.
DIELECTRIC WITHSTANDING VOLTAGE
Between Open Contacts:
500 Vrms 60 Hz
Between Adjacent Contacts:
1000 Vrms 60 Hz
Between Contacts & Coil:
1000 Vrms 60 Hz
INSULATION RESISTANCE
10,000 megohms min. @ 500 Vdc
MOUNTING STYLES
TERMINALS
SPECIFYING A PART NUMBER EXAMPLE
:
TYPE
TERMINALS
MOUNTINGS
COILS
FEATURES
HFW
12
30
K
00 (n/a HMS)
ENVIRONMENTAL CHARACTERISTICS
TEMPERATURE RANGE
-65°C to +125°C
WEIGHT
0.46 oz. (13 gms max.)
VIBRATION RESISTANCE
HFW/HMB/HMS:
Standard: 20 G’s, 10 to 2,000 Hz
HFW/HMB:
QPL: 30 G’s,10 to 3,000 Hz
HMS:
QPL: 20 G’s, 10 to 2,500 Hz
SHOCK RESISTANCE
100 G’s, 6 ±1 ms
50 G’s, 11 ±1 ms (HMS)
QPL APPROVAL
MIL-R-39016/6 (HFW)
MIL-R-39016/22 (HMB)
MIL-R-39016/44 (HMS)
HFW ■ HFW4A ■ HFW5A ■ HMB■ HMS
CL
.200
(5.08)
.600
(15.24)
.400
(10.16)
CL
.030 RAD.
(.76)
.190 MAX
(4.83)
BLUE BEAD
.200
(5.08)
.400
(10.16)
CL
CL
.030 +.008 –.006
(.76 +.003 –.002)
.187
±.020
(4.75
±.51)
.600
(15.24)
BLUE BEAD
.030 +.008 –.006
(.76 +.003 –.002)
1.062 (26.97)
1.078 (27.38)
1.062 (26.97)
CL
CL
CL
.020
(.51)
CL
.020
(.51)
.125
±.010
(3.18
±.25)
.410 MAX
(10.41)
.410 MAX
(10.41)
.410 MAX
(10.41)
.410 MAX
(10.41)
.410 MAX
(10.41)
.120
±.002
(3.05
±.05)
CL
CL
.250
±.010
(6.35
±.25)
.810 MAX (20.57)
.810 MAX (20.57)
1.320 MAX (33.53)
.810 MAX (20.57)
1.320 MAX
(33.53)
1.078 (27.38)
.410 MAX
(10.41)
.120
±.002
(3.05
±.05)
01
30
31
12
11



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com