Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE014F02 Datasheet(PDF) 1 Page - Tyco Electronics

Part # PE014F02
Description  Miniature PCB Relay PE bistable
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

PE014F02 Datasheet(HTML) 1 Page - Tyco Electronics

  PE014F02 Datasheet HTML 1Page - Tyco Electronics PE014F02 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Datasheet
Rev. EK1
Issued 2005/11
www.tycoelectronics.com
www.schrackrelays.com
Dimensions are in mm unless
otherwise specified and are
shown for reference purposes
only.
Product specification
according to IEC 61810-1.
Product data, technical para-
meters, test conditions and
processing information
only to be used together
with the 'Definitions' at
schrackrelays.com in the
‘Schrack’ section.
Specifications subject to
change.
General Purpose Relays
1
Miniature PCB Relay PE bistable
I 1pole 5 A, polarized bistable version
I 1 CO contact
I Sensitive version with 200 mW coil
I 4 kV coil-contact, Insulation according to IEC 255
I Ambient temperature 70 °C
I Low height 10.0 mm
I RoHS compliant (Directive 2002/95/EC) as per
product date code 0352
Applications
Room thermostats, electricity meters, domotic devices,
white goods, battery powered controls
F0221-A
Approvals
V REG.-Nr. 6656, Z E214025
Technical data of approved types on request
Contact data
Contact configuration
1 CO contact
Contact set
single contact
Type of interruption
micro disconnection
Rated current
5 A
Rated voltage / max.switching voltage AC
240/400 VAC
Maximum breaking capacity AC
1250 VA
Contact material
AgNi90/10
Mechanical endurance
5x106 cycles
Rated frequency of operation with / without load
6 / 1200 min-1
Contact ratings
Type
Load
Cycles
PE014
5 A, 250 VAC, 85°C,resistive load, 6 min-1, 50% df, EN61810-1
1x105
PE014
5 A, 240 VAC resistive load, on NO or NC contact, UL508
1x105
PE014
5 A, 30 VDC resistive, 85°C, 6 min-1, 50% duty factor, EN61810-1
1x105
Coil data
Rated coil voltage range
2,2...48 VDC
Coil power
typ. 200 mW
Operative range
2
Reset voltage maximum, % of rated coil voltage
120% at -40°C
Minimum energization duration
20 ms
Information on reduced pulse duration with higher energization voltages on demand
Maximum energization duration
1 min at <10% duty factor
Coil versions, bistable, 1 coil
Coil
Rated
Operate
Reset
Coil
Rated coil
code *)
voltage
voltage
voltage
resistance
power
VDC
VDC
VDC
Ohm
VA
F02
H02
2.2
1.65
1.65
22+10%
220
F03
H03
3
2.25
2.25
41+10%
220
F05
H05
5
3.75
3.75
125+10%
200
F06
H06
6
4.5
4.5
180+10%
200
F12
H12
12
9.0
9.0
650+10%
222
F24
H24
24
18.0
18.0
2750+10%
209
All figures are given for coil without preenergization, at ambient temperature +23°C
*) Coil codes F.. and H..have opposite polarity; refer to coil operation table
Other coil voltages on request
Coils - operation
Version
F..
H..
Coil terminals
A1
A2
A1
A2
Operate
+
-
-
+
Reset
-
+
+
-
Contact position not defined at delivery


Similar Part No. - PE014F02

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
PE014F02 TEC-PE014F02 Datasheet
239Kb / 2P
Sensitive version with 200mW coil
PE014F02 TEC-PE014F02 Datasheet
261Kb / 2P
Miniature PCB Relay PE bistable
PE014F02 TEC-PE014F02 Datasheet
259Kb / 2P
Miniature PCB Relay PE bistable
01-2017, Rev. 0117
PE014F02 TEC-PE014F02 Datasheet
269Kb / 2P
Miniature PCB Relay PE bistable
09-2019, Rev. 0919
PE014F02. TEC-PE014F02.  Datasheet
269Kb / 2P
Miniature PCB Relay PE bistable
09-2019, Rev. 0919
More results

Similar Description - PE014F02

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
AZ8P ZETTLER-AZ8P Datasheet
52Kb / 2P
10 A MINIATURE POWER RELAY BISTABLE (LATCHING)
logo
Tyco Electronics
PE014005 MACOM-PE014005_05 Datasheet
152Kb / 2P
Miniature PCB Relay PE
RT314A12 MACOM-RT314A12 Datasheet
213Kb / 3P
Power PCB Relay RT1 bistable
RT424A12 MACOM-RT424A12 Datasheet
222Kb / 3P
Power PCB Relay RT2 bistable
2-1415390-1 MACOM-2-1415390-1 Datasheet
405Kb / 2P
Miniature PCB Relay PE bistable
2-1415391-1 MACOM-2-1415391-1 Datasheet
405Kb / 2P
Miniature PCB Relay PE bistable
4-1415535-9 MACOM-4-1415535-9 Datasheet
221Kb / 2P
Miniature PCB Relay PE
RT314F05 MACOM-RT314F05 Datasheet
447Kb / 3P
Power PCB Relay RT1 bistable
logo
ZETTLER Electronics
AZ8P ZETTLER-AZ8P_14 Datasheet
54Kb / 2P
10 A MINIATURE POWER RELAY BISTABLE (LATCHING)
logo
TE Connectivity Ltd
PE514F03 TEC-PE514F03 Datasheet
261Kb / 2P
Miniature PCB Relay PE bistable
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com