Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE014F02 Datasheet(PDF) 2 Page - Tyco Electronics

Part # PE014F02
Description  Miniature PCB Relay PE bistable
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

PE014F02 Datasheet(HTML) 2 Page - Tyco Electronics

  PE014F02 Datasheet HTML 1Page - Tyco Electronics PE014F02 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Datasheet
Rev. EK1
Issued 2005/11
www.tycoelectronics.com
www.schrackrelays.com
Dimensions are in mm unless
otherwise specified and are
shown for reference purposes
only.
Product specification
according to IEC 61810-1.
Product data, technical para-
meters, test conditions and
processing information
only to be used together
with the 'Definitions' at
schrackrelays.com in the
‘Schrack’ section.
Specifications subject to
change.
General Purpose Relays
2
Miniature PCB Relay PE bistable (Continued)
PCB layout / terminal assignment
Bottom view on solder pins
Dimensions
S0271-AA
S0176-BA
S0176-BB
Insulation
Dielectric strength coil-contact circuit
4000 Vrms
open contact circuit
1000 Vrms
Clearance / creepage coil-contact circuit
W 3,2 / 4 mm
Material group of insulation parts
IIIa
Tracking index of relay base
PTI 250
Insulation to IEC 60664-1
Type of insulation coil-contact circuit
basic
open contact circuit
functional
Rated insulation voltage
250 V
Pollution degree
3
2
Rated voltage system
230 V
400 V
Overvoltage category
III
Other data
RoHS - Directive 2002/95/EC
compliant as per product date code 0352
Flammability class according to UL94
V-0
Ambient temperature range
-40...85°C, 70°C at 100% duty factor
Shock resistance (destruction)
> 100 g
Category of protection
RTII - flux proof
(RTIII - wash tight on request)
Resistance to soldering heat flux-proof version
270°C / 10 s
Relay weight
5 g
Packaging unit
25/500 pcs
Product key
P E
014
Type
Version
0
flux proof
Contact configuration
1
1 CO contact
Contact material
4
AgNi 90/10
Coil
Coil code: please refer to coil versions table
Product key
Version
Contacts
Contact material
Coil
Coil
Part number
PE014F02
flux proof
1 CO contact
AgNi 90/10
bistable
2.2 VDC
9-1415389-1
PE014F03
1-coil
3 VDC
0-1415390-1
PE014F05
polarity F
5 VDC
1-1415390-1
PE014F06
200 mW
6 VDC
2-1415390-1
PE014F12
12 VDC
3-1415390-1
PE014F24
24 VDC
5-1415390-1
PE014H02
bistable
2.2 VDC
7-1415390-1
PE014H03
1-coil
3 VDC
8-1415390-1
PE014H05
polarity H
5 VDC
9-1415390-1
PE014H06
200 mW
6 VDC
0-1415391-1
PE014H12
12 VDC
1-1415391-1
PE014H24
24 VDC
2-1415391-1



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com