Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC75366M Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LC75366M
Description  Two-Channel Electronic Volume Control
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC75366M Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LC75366M Datasheet HTML 1Page - Sanyo Semicon Device LC75366M Datasheet HTML 2Page - Sanyo Semicon Device LC75366M Datasheet HTML 3Page - Sanyo Semicon Device LC75366M Datasheet HTML 4Page - Sanyo Semicon Device LC75366M Datasheet HTML 5Page - Sanyo Semicon Device LC75366M Datasheet HTML 6Page - Sanyo Semicon Device LC75366M Datasheet HTML 7Page - Sanyo Semicon Device LC75366M Datasheet HTML 8Page - Sanyo Semicon Device LC75366M Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Allowable Operating Ranges at Ta = 25°C, VSS = 0 V
Electrical Characteristics at Ta = 25°C, VSS = 0 V
Pin Assignment
No. 4929-2/11
LC75366, 75366M
Parameter
Symbol
Conditions
min
typ
max
Unit
THD (1)
VIN = 1 Vrms, f = 1 kHz, all settings flat overall,
0.006
%
Total harmonic distortion
VDD = 9 V
THD (2)
VIN = 1 Vrms, f = 20 kHz, all settings flat overall,
0.015
%
VDD = 9 V
Crosstalk
CT
VIN = 1 Vrms, f = 20 kHz, all settings flat overall,
85
dB
Rg = 1 k
Ω
Output at maximum attenuation
VO min
VIN = 1 Vrms, f = 20 kHz, volume setting: –∞,
–80
dB
with a 470 µF capacitor between L/R Vref and VSS
Total resistance
RVOL (1)
10 dB steps
28.2
47
65.8
k
Ω
RVOL (2)
2 dB steps
12
20
28
k
Ω
L10dBIN, R10dBIN, LCT1, L2dBIN, R2dBIN, RCT1,
Output off leakage current
Ioff
L10dBOUT, R10dBOUT, LCT2, L2dBOUT, R2dBOUT,
–10
+10
µA
RCT2, LVref, RVref
Input high level current
IIH
VI = VDD (CL, CE and DI pins)
10
µA
Input low level current
IIL
VI = VSS (CL, CE and DI pins)
–10
µA
Output noise voltage
VN
All settings flat overall (IHF-A), VDD = 9 V, Rg = 1 kΩ
2
10
µV
Current drain
IDD
VDD – VSS = 11 V
1
mA
CT1
180
300
420
Ω
Analog switch on resistance
RON
For use between CT2 and Vref
90
150
210
Ω
(Design target value)
0 dB, –
∞
0.6
1.0
1.4
k
Ω
Other than the above
6.0
10.0
14.0
k
Ω
Parameter
Symbol
Conditions
Ratings
Unit
Supply voltage
VDD
VDD
4.0 to 11.0
V
Input high level voltage
VIH (1)
CL, DI, CE
0.3 VDD + 1 to VDD
V
VIH (2)
S
0.8 VDD to VDD
V
Input low level voltage
VIL (1)
CL, DI, CE
VSS to 0.2 VDD
V
VIL (2)
S
VSS to 0.2 VDD
V
Input voltage amplitude
VIN
L10dBIN, L2dBIN, R10dBIN, R2dBIN
VSS to VDD
Vp-p
Input pulse width
tøW
CL
1 or longer
µs
Setup time
tset up
CL, DI, CE
1 or longer
µs
Hold time
thold
CL, DI, CE
1 or longer
µs
Operating frequency
fop
CL
Up to 500
kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com