Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC75366M Datasheet(PDF) 6 Page - Sanyo Semicon Device

Part # LC75366M
Description  Two-Channel Electronic Volume Control
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC75366M Datasheet(HTML) 6 Page - Sanyo Semicon Device

Back Button LC75366M Datasheet HTML 2Page - Sanyo Semicon Device LC75366M Datasheet HTML 3Page - Sanyo Semicon Device LC75366M Datasheet HTML 4Page - Sanyo Semicon Device LC75366M Datasheet HTML 5Page - Sanyo Semicon Device LC75366M Datasheet HTML 6Page - Sanyo Semicon Device LC75366M Datasheet HTML 7Page - Sanyo Semicon Device LC75366M Datasheet HTML 8Page - Sanyo Semicon Device LC75366M Datasheet HTML 9Page - Sanyo Semicon Device LC75366M Datasheet HTML 10Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Pin Functions
No. 4929-6/11
LC75366, 75366M
Pin No.
Symbol
Function
Note
1
20
2
3
19
18
4
17
5
16
6
15
7
14
12
9
10
11
8
13
L10dBIN
R10dBIN
LCT1
LCT2
RCT1
RCT2
L10dBOUT
R10dBOUT
L2dBIN
R2dBIN
L2dBOUT
R2dBOUT
LVref
RVref
S
CL
DI
CE
VDD
VSS
Input pins for the 10 dB step attenuator. Must be driven from a low impedance.
Loudness connections. Connect a high band compensation capacitor between
CT1 and 10dBIN and connect a low band compensation capacitor between CT2
and Vref.
Output pins for the 10 dB step attenuator. These outputs must be received by a
load of about 1 M
Ω.
Input pins for the 2 dB step attenuator. Must be driven from a low impedance.
Output pins for the 2 dB step attenuator. These outputs must be received by a
load of about 1 M
Ω.
Volume circuit common pins. The impedance of the pattern connected to these
pins should be kept as low as possible.
Since the capacitors between Vref and VSS form the residual resistance
components when the volume is cut, adequate care must be taken in
determining the value of these capacitors.
Pin that selects the address code in the data format. Data will be accepted for
an address code of 88 when this pin is tied to VDD, and for an address code of
89 when tied to VSS.
Serial data and clock inputs for control
Chip enable. The internally latched data is written and the analog switches
operate when this pin goes from high to low. Data transfer is enabled when this
pin is at the high level.
These pins must be connected to the power supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com