Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RTS3L005 Datasheet(PDF) 1 Page - Tyco Electronics

Part # RTS3L005
Description  Power PCB Relay RT1 Inrush Power
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

RTS3L005 Datasheet(HTML) 1 Page - Tyco Electronics

  RTS3L005 Datasheet HTML 1Page - Tyco Electronics RTS3L005 Datasheet HTML 2Page - Tyco Electronics RTS3L005 Datasheet HTML 3Page - Tyco Electronics RTS3L005 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Datasheet
Rev. EK1
Issued 2005/11
www.tycoelectronics.com
www.schrackrelays.com
Dimensions are in mm unless
otherwise specified and are
shown for reference purposes
only.
Product specification
according to IEC 61810-1.
Product data, technical para-
meters, test conditions and
processing information
only to be used together
with the 'Definitions' at
schrackrelays.com in the
‘Schrack’ section.
Specifications subject to
change.
General Purpose Relays
1
Power PCB Relay RT1 Inrush Power
I 1 pole 16 A, 1 NO contact (W pre-make contact + AgSnO2)
I 10 A / 250 VAC making and breaking capacity acc. to IEC 60669-1
I 165 A / 20 ms inrush peak current
I Mono- or bistable coil
I 5 kV / 10 mm coil-contact
I Reinforced insulation
I Optional test tab (manual operator)
I RoHS compliant (Directive 2002/95/EC)
Applications
Lighting systems, movement sensors, filament and incandescent lamp loads,
motors
Approvals
V REG.-Nr. 6106, Z E214025
Technical data of approved types on request
Contact data
RT.3T
RTS3L
Contact configuration
1 NO
Contact set
pre-make contact
single contact
Type of interruption
micro disconnection
Rated current
16 A
Rated voltage / max.switching voltage AC
250/400 VAC
Limiting continuous current
16 A
Maximum breaking capacity AC
4000 VA
Limiting making capacity
max 20 ms (incandescent lamps)
165 A
120 A
max 200 μs (fluorescent lamps)
800 A
-
Contact material
W (pre-make cont.)+AgSnO2
AgSnO2
Mechanical endurance DC
> 5x106 cycles
> 10x106 cycles
bistable
> 3x106 cycles
> 5x106 cycles
tab manually operated
> 103 cycles
-
Rated frequency of operation with / without load
6 / 60 min-1
Contact ratings
Type
Load
Cycles
RTS3T
3000 W, 230 VAC, DF 8,3%, 5 min-1, incandescent lamp
typ. 12x103
RT*3T
16 A, 250 VAC, capacitive load 140 μF, 7,5 min-1, EN60669-1
> 20x103
RT*3T
TV5, UL508, 40°C
25x103
RTS3L
16 A, 250 VAC, 85°C
> 100x103
RTS3L
1.5 hp, 240 VAC
RTS3L
TV8, UL508, 40°C
25x103
RTS3L
10/100 A / 250 VAC, simulated lamp load, acc. to IEC 61810-2
20x103
Coil data
Coil data, monostable coil
Rated coil voltage range
5...110 VDC
Coil power
typ 400 mW
Operative range
2
Coil insulation system according UL1446
class F
Coil versions, monostable DC-coil
Coil
Rated
Operate
Release
Coil
Rated coil
code
voltage
voltage
voltage
resistance
power
VDC
VDC
VDC
c
mW
005
5
3.5
0.5
62+10%
403
006
6
4.2
0.6
90+10%
400
012
12
8.4
1.2
360+10%
400
024
24
16.8
2.4
1440+10%
400
048
48
33.6
4.8
5520+10%
417
060
60
42.0
6.0
8570+12%
420
110
110
77.0
11.0
28800+12%
420
All figures are given for coil without preenergization, at ambient temperature +23°C
Other coil voltages on request
F0272-A


Similar Part No. - RTS3L005

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
RTS3L005 MACOM-RTS3L005 Datasheet
576Kb / 4P
Power PCB Relay RT1 Inrush Power
More results

Similar Description - RTS3L005

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
RT114005 MACOM-RT114005_05 Datasheet
243Kb / 4P
Power PCB Relay RT1
RT33K012 MACOM-RT33K012 Datasheet
265Kb / 3P
Power PCB Relay RT1 Inrush
2-1393240-3 MACOM-2-1393240-3 Datasheet
603Kb / 3P
Power PCB Relay RT1 Inrush
2-1393240-4 MACOM-2-1393240-4 Datasheet
603Kb / 3P
Power PCB Relay RT1 Inrush
2-1393240-5 MACOM-2-1393240-5 Datasheet
603Kb / 3P
Power PCB Relay RT1 Inrush
2-1393240-6 MACOM-2-1393240-6 Datasheet
603Kb / 3P
Power PCB Relay RT1 Inrush
2-1393240-8 MACOM-2-1393240-8 Datasheet
603Kb / 3P
Power PCB Relay RT1 Inrush
2-1393240-9 MACOM-2-1393240-9 Datasheet
603Kb / 3P
Power PCB Relay RT1 Inrush
1-1393240-1 MACOM-1-1393240-1 Datasheet
479Kb / 4P
Power PCB Relay RT1
1-1415898-6 MACOM-1-1415898-6 Datasheet
576Kb / 4P
Power PCB Relay RT1 Inrush Power
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com