Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RTS3L005 Datasheet(PDF) 2 Page - Tyco Electronics

Part # RTS3L005
Description  Power PCB Relay RT1 Inrush Power
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

RTS3L005 Datasheet(HTML) 2 Page - Tyco Electronics

  RTS3L005 Datasheet HTML 1Page - Tyco Electronics RTS3L005 Datasheet HTML 2Page - Tyco Electronics RTS3L005 Datasheet HTML 3Page - Tyco Electronics RTS3L005 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Datasheet
Rev. EK1
Issued 2005/11
www.tycoelectronics.com
www.schrackrelays.com
Dimensions are in mm unless
otherwise specified and are
shown for reference purposes
only.
Product specification
according to IEC 61810-1.
Product data, technical para-
meters, test conditions and
processing information
only to be used together
with the 'Definitions' at
schrackrelays.com in the
‘Schrack’ section.
Specifications subject to
change.
General Purpose Relays
2
Power PCB Relay RT1 Inrush Power (Continued)
Coil data, bistable coils
1 coil
2 coils
Rated coil voltage range
3...24 VDC
Coil power
typ 400 mW
typ 600 mW
Operative range
2
Limiting voltage, % of rated coil voltage
120%
150%
Minimum energization duration
30 ms
Maximum energization duration
1 min at < 10% DF
Coil insulation system according UL1446
class F
Coil versions, bistable 1 coil
Coil
Rated
Operate
Reset
Coil
Rated coil
code
voltage
voltage
voltage
resistance
power
VDC
VDC
VDC
c
mW
A03
3
2.1
2.1
21+10%
429
A12
12
8.4
8.4
360+10%
400
A24
24
16.8
16.8
1440+10%
400
Coil versions, bistable 2 coils
F03
3
2.1
2.1
15+10%
600
F12
12
8.4
8.4
240+10%
600
F24
24
16.8
16.8
886+10%
650
All figures are given for coil without preenergization, at ambient temperature +23°C
Other coil voltages on request
Coils - operation
Version
1 coil
2 coils
Coil terminals
A1
A2
A1
A3
A2
Pull-in
+
-
+
-
Reset
-
+
-
+
Contact position not defined at delivery
Insulation
Dielectric strength coil-contact circuit
4000 Vrms
open contact circuit
1250 Vrms
Clearance / creepage coil-contact circuit
W 10 / 10 mm
Material group of insulation parts
W IIIa
Tracking index of relay base
PTI 250 V
Insulation to IEC 60664-1
Type of insulation coil-contact circuit
reinforced
open contact circuit
functional
Rated insulation voltage
250 V
Pollution degree
3
2
Rated voltage system
240 V
400 V
Overvoltage category
III
Other data
RT.3T
RTS3L
RoHS - Directive 2002/95/EC
compliant
Flammability class according to UL94
V-0
Ambient temperature range
-40...70°C
-40...85°C
Vibration resistance (function) monostable
10 g
20 g
Shock resistance (destruction)
100 g
Category of protection
RTII - flux proof
Mounting
pcb
pcb or on socket
Mounting distance
0 mm
Resistance to soldering heat
270 °C / 10 s
Relay weight with / without test tab
16 / 14 g
- / 14 g
Packaging unit with / without test tab
100 / 500 pcs
- / 500 pcs
Accessories RTS3L
For details see datasheet
Accessories Power Relay RT
Terminal assignment
Bottom view on solder pins
S0163-CS
a)
a) Indicated contact position during or after coil
energization with reset voltage.
b) for 2 coil version only
monostable version
bistable version
S0163-BF



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com